Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E6C2CWZ3E-100PR2M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E6C2CWZ3E-100PR2M
Description  Slim Incremental 50-mm-dia. Rotary Encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E6C2CWZ3E-100PR2M Datasheet(HTML) 1 Page - Omron Electronics LLC

  E6C2CWZ3E-100PR2M Datasheet HTML 1Page - Omron Electronics LLC E6C2CWZ3E-100PR2M Datasheet HTML 2Page - Omron Electronics LLC E6C2CWZ3E-100PR2M Datasheet HTML 3Page - Omron Electronics LLC E6C2CWZ3E-100PR2M Datasheet HTML 4Page - Omron Electronics LLC E6C2CWZ3E-100PR2M Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CSM_E6C2-C_DS_E_3_1
1
Slim Incremental 50-mm-dia. Rotary Encoder
E6C2-C
Tough and Easy
• Sealed bearings with IP64 oilproof construction.
• Improved shaft loading performance.
Radial: 50 N, Thrust: 30 N
• Pre-wired Models with cable connected at an angle.
Side or back cable connections also possible.
• Improved reliability with reverse connection and load short-circuit
protection (except for line-driver outputs).
Be sure to read Safety Precautions on
page 4.
Ordering Information
Encoders [Refer to Dimensions on page 4.]
Accessories (Order Separately) [Refer to Dimensions on Rotary Encoder Accessories.]
Refer to Accessories for details.
Power supply
voltage
Output configuration
Resolution (pulses/rotation)
Model
5 to 24 VDC
Open-collector output
(NPN)
10, 20, 30, 40, 50, 60, 100, 200, 300, 360, 400, 500, 600
E6C2-CWZ6C (resolution) 2M
Example: E6C2-CWZ6C 10P/R 2M
720, 800, 1,000, 1,024, 1,200, 1,500, 1,800, 2,000
12 to 24 VDC
Open-collector output
(PNP)
100, 200, 360, 500, 600
E6C2-CWZ5B (resolution) 2M
Example: E6C2-CWZ5B 100P/R 2M
1,000, 2,000
5 to 12 VDC
Voltage output
10, 20, 30, 40, 50, 60, 100, 200, 300, 360, 400, 500, 600 E6C2-CWZ3E (resolution) 2M
Example: E6C2-CWZ3E 10P/R 2M
720, 800, 1,000, 1,024, 1,200, 1,500, 1,800, 2,000
5 VDC
Line-driver output
10, 20, 30, 40, 50, 60, 100, 200, 300, 360, 400, 500, 600 E6C2-CWZ1X (resolution) 2M
Example: E6C2-CWZ1X 10P/R 2M
720, 800, 1,000, 1,024, 1,200, 1,500, 1,800, 2,000
Name
Model
Remarks
Couplings
E69-C06B
---
E69-C68B
Different end diameter
E69-C610B
Different end diameter
E69-C06M
Metal construction
Flanges
E69-FCA
---
E69-FCA02
E69-2 Servo Mounting Bracket provided.
Servo Mounting Bracket
E69-2
Provided with E69-FCA02 Flange.


Similar Part No. - E6C2CWZ3E-100PR2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E6C2-A OMRON-E6C2-A Datasheet
215Kb / 16P
   Absolute Rotary Encoder
E6C2-AB5B OMRON-E6C2-AB5B Datasheet
215Kb / 16P
   Absolute Rotary Encoder
E6C2-AB5C OMRON-E6C2-AB5C Datasheet
215Kb / 16P
   Absolute Rotary Encoder
E6C2-AG5B OMRON-E6C2-AG5B Datasheet
215Kb / 16P
   Absolute Rotary Encoder
E6C2-AG5C OMRON-E6C2-AG5C Datasheet
215Kb / 16P
   Absolute Rotary Encoder
More results

Similar Description - E6C2CWZ3E-100PR2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E6C2-CWZ6C OMRON-E6C2-CWZ6C Datasheet
322Kb / 5P
   Slim Incremental 50-mm-dia. Rotary Encoder
E6B2-C OMRON-E6B2-C Datasheet
505Kb / 5P
   Incremental 40-mm-dia. Rotary Encoder
logo
Pepperl+Fuchs Inc.
TSI40N PF-TSI40N Datasheet
278Kb / 3P
   Incremental rotary encoder
TVI58N PF-TVI58N Datasheet
214Kb / 3P
   Incremental rotary encoder
20-2952 PF-20-2952 Datasheet
179Kb / 3P
   Incremental rotary encoder
ENI58IL-H PF-ENI58IL-H Datasheet
1Mb / 7P
   Incremental rotary encoder
THI40P-1CAK2R6TN-01024 PF-THI40P-1CAK2R6TN-01024 Datasheet
230Kb / 3P
   Incremental rotary encoder
TVI58N-01NKYR6TN-01000 PF-TVI58N-01NKYR6TN-01000 Datasheet
275Kb / 4P
   Incremental rotary encoder
MNI20N PF-MNI20N Datasheet
680Kb / 5P
   Incremental rotary encoder
MNI40N PF-MNI40N Datasheet
748Kb / 5P
   Incremental rotary encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com