Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTI76N25T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTI76N25T
Description  Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTI76N25T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTI76N25T Datasheet HTML 1Page - IXYS Corporation IXTI76N25T Datasheet HTML 2Page - IXYS Corporation IXTI76N25T Datasheet HTML 3Page - IXYS Corporation IXTI76N25T Datasheet HTML 4Page - IXYS Corporation IXTI76N25T Datasheet HTML 5Page - IXYS Corporation IXTI76N25T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA76N25T IXTH76N25T
IXTI76N25T IXTP76N25T IXTQ76N25T
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10V, ID = 0.5 • ID25, Note 1
43
72
S
C
iss
4500
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
480
pF
C
rss
46
pF
t
d(on)
22
ns
t
r
25
ns
t
d(off)
56
ns
t
f
29
ns
Q
g(on)
92
nC
Q
gs
V
GS= 10V, VDS = 0.5 • VDSS , ID = 25A
28
nC
Q
gd
21
nC
R
thJC
0.27
°C /W
R
thCH
TO-220
0.50
°C W
TO-3P, TO-247
0.21
°C W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
76
A
I
SM
Repetitive, pulse width limited by T
JM
200
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
148
ns
I
RM
21
A
Q
RM
1.6
μC
Notes: 1: Pulse test, t ≤ 300μs; duty cycle, d ≤ 2%.
*: Current may be limited by external lead limit.
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Resistive Switching Times
V
GS = 15V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G
= 3.3
Ω (External)
I
F = 38A, -di/dt = 250A/μs
V
R = 100V, VGS = 0V


Similar Part No. - IXTI76N25T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTI10N60P IXYS-IXTI10N60P Datasheet
246Kb / 4P
   PolarHV Power MOSFET
More results

Similar Description - IXTI76N25T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA90N15T IXYS-IXTA90N15T Datasheet
198Kb / 6P
   Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTH200N075T IXYS-IXTH200N075T Datasheet
190Kb / 5P
   Preliminary Technical Information Trench Gate Power MOSFET
IXTA260N055T2-7 IXYS-IXTA260N055T2-7 Datasheet
140Kb / 6P
   Preliminary Technical Information TrenchT2TM Power MOSFET N-Channel Enhancement Mode
IXTH16P60P IXYS-IXTH16P60P Datasheet
137Kb / 5P
   Preliminary Technical Information PolarPTM Power MOSFET P-Channel Enhancement Mode
IXTA76N075T IXYS-IXTA76N075T Datasheet
182Kb / 5P
   Preliminary Technical Information N-Channel Enhancement Mode Avalanche Rated
IXTA6N100D2 IXYS-IXTA6N100D2 Datasheet
190Kb / 5P
   Preliminary Technical Information Depletion Mode MOSFET
IXTA50N25T IXYS-IXTA50N25T Datasheet
235Kb / 6P
   Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTA160N075T IXYS-IXTA160N075T Datasheet
179Kb / 5P
   Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA100N04T2 IXYS-IXTA100N04T2 Datasheet
209Kb / 6P
   Preliminary Technical Information TrenchT2TM Power MOSFET
IXTA220N055T IXYS-IXTA220N055T Datasheet
220Kb / 5P
   Preliminary Technical Information TrenchMVTM Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com