Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-GS1B4 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3S-GS1B4
Description  Grooved Head Sensor with Built-In DC Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-GS1B4 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3S-GS1B4 Datasheet HTML 1Page - Omron Electronics LLC E3S-GS1B4 Datasheet HTML 2Page - Omron Electronics LLC E3S-GS1B4 Datasheet HTML 3Page - Omron Electronics LLC E3S-GS1B4 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
E3S-GS
E3S-GS
Grooved Head Sensor with
Built-In DC Amplifiers
s Fast 1 ms maximum response time
ideal for packaging applications
s 1 cm groove type detects marks on
transparent film
s 3 cm groove type detects edges,
labels and marks
s Emitter and receiver separated by a
fixed gap simplifies installation and
eliminates alignment problems
s Sensitivity adjustment standard
s Choose NPN and PNP output models
s Wire-selectable light-on/dark-on operation
s Ready-to-use: prewired with 2 m
(6.56 ft) cable and includes mounting
bracket
Slotted Edge Registration Sensor
E3S-GS
Ordering Information
Method of detection
Through-beam, in one-piece grooved head
Sensing distance
1 cm (0.39 in)
3 cm (1.18 in)
Application
Mark detection
General purpose
Part number
NPN output
E3S-GS1E4
E3S-GS3E4
PNP output
E3S-GS1B4
E3S-GS3B4
s SENSORS
s REPLACEMENT PARTS
Description
Part number
Sensitivity adjuster knob (supplied with each sensor)
E39-G1
s TYPICAL APPLICATIONS
Detecting edge of material to activate cutter
Detecting marks on packaging film to
adjust roller and cutter speed


Similar Part No. - E3S-GS1B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-GS1B4 OMRON-E3S-GS1B4 Datasheet
278Kb / 4P
   Slotted Edge Registration Sensor
More results

Similar Description - E3S-GS1B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-G61 OMRON-E3Z-G61 Datasheet
446Kb / 5P
   Grooved-type Photoelectric Sensor with Built-in Amplifier
logo
Sanyo Semicon Device
LB8112V SANYO-LB8112V Datasheet
168Kb / 8P
   LOADING MOTOR DRIVER WITH BUILT IN SENSOR AMPLIFIERS
logo
Omron Electronics LLC
E3XR-GM5E4-30 OMRON-E3XR-GM5E4-30 Datasheet
131Kb / 4P
   Grooved Head Sensor Ideal for Register Mark Detection in Printing and Packaging Equipment
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
logo
List of Unclassifed Man...
KC7789 ETC1-KC7789 Datasheet
72Kb / 1P
   PIR SENSOR WITH BUILT-IN AMPLIFIER
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com