Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A391AQ Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A391AQ
Description  Precision Wide Bandwidth Quad Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A391AQ Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A391AQ Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A391AQ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A391AQ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A391AQ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A391AQ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A391AQ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A391AQ Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A391AQ Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A391AQ Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A391A, PI5A392A
Precision Wide Bandwidth Quad Analog Switches
3
PS7080H
06/16/04
Dynamic Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±10%, GND = 0V)
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
tON
Turn-on Time
VCOM = 3.0V, see Figure 1
10
20
ns
tOFF
Turn-off Time
VCOM = 3.0V, see Figure 1
5
10
ns
XTALK
Crosstalk
RL = 100 ohm, f = 30 MHz, see Figure 4
–72
dB
C(OFF)
NC or NO Capacitance
f = 1 kHz
13
pF
OIRR
Off Isolation
RL = 100 ohm, f = 30 MHz, see Figure 5
–55
dB
BW
Bandwidth –3 dB
RL = 100 ohm, see Figure 3
200
MHz
D
Distortion
ΔRON/RL
RL = 100 ohm
2
%
Q
Charge Injection
CL = 1 nF, VGen = 0V
3
5
pC
Single 3.3V Supply
DC Electrical Characteristics(1) (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%, GND = 0V)
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VANALOG
Analog Signal Range
0
VCC
V
RON
ON-Resistance
ION = 10 mA to 30 mA
15
28
Ω
ΔRON
Match Between Channels
0.4
2
Ω
RFLAT(ON) RON Flatness
ION = 1 mA, VNO, VNC = 0V TO 5V
1
2
Ω
INO(OFF)
On/Off Leakage Current
VNO, VNC = 4.5V
–30
30
nA
INC(ON)
ICC
Quiescent Supply Current
VCC = 5.5V, VIN = 0V OR VCC
100
nA
IO
Output Current
VNO, VNC or VCOM = 0V
to 5V
80
mA
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
——±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
µA
Notes:
1. For conditions shown as Max or Min, use appropriate value specified under Electrical Characteristics for applicable device type.
2. Guaranteed by design.
3.
ΔRON = ΔRON max RON min.
4. Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified
analog signal range.
Dynamic Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%, GND = 0V)
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
tON
Turn-on Time
VCOM = 3.0V, see Figure 1
20
40
ns
tOFF
Turn-off Time
VCOM = 3.0V, see Figure 1
10
20
ns
XTALK
Crosstalk
RL = 100 ohm, f = 30 MHz, see Figure 4
–72
dB
C(OFF)
NC or NO Capacitance
f = 1 kHz
15
pF
OIRR
Off Isolation
RL = 100 ohm, f = 30 MHz, see Figure 5
–55
dB
BW
Bandwidth –3 dB
RL = 100 ohm, see Figure 3
190
MHz
D
Distortion
ΔRON/RL
RL = 100ohm
2
%
Q
Charge Injection
CL = 1 nF, VGen = 0V
3
10
pC


Similar Part No. - PI5A391AQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A391A PERICOM-PI5A391A Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
More results

Similar Description - PI5A391AQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
   Precision Wide Bandwidth Analog Switches
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
   Precision Wide Bandwidth Analog Switches
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
   Wide Bandwidth Analog Switches
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
   Dual, Wide Bandwidth Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
   Dual, Wide Bandwidth Analog Switches
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com