Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3A412ZHE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3A412ZHE
Description  Small Plastic Package, Quad SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A412ZHE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3A412ZHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A412ZHE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-04-0014
PT0348-2
05/10/13
5
PI3A412
Small Plastic Package, Quad SPDT Analog Switch
+4.2V Supply (VDD = 4.2V, TA = –40°C to 85°C, unless otherwise noted. Typical values are at 4.2V and +25°C.)
Parameter
Symbol
Test Conditions
TEMP
Min.
Typ.
Max.
Units
Analog Switch
Analog Signal Range
VNO, VNC,
VCOM
-40
°C to 85 °C
0
-
VCC
V
On-Resistance
RON
VCC = 4.2V, ICOM = 100mA, VNO or
VNC =1V, Test Circuit 1
+25
°C
-
0.5
0.75
Ω
-40
°C to 85 °C
-
-
0.85
On-Resistance Match
Between Channels
ΔR
ON
VCC = 4.2V, ICOM = 100mA, VNO or
VNC =1V, Test Circuit 1
+25
°C
-
0.05
0.15
Ω
-40
°C to 85 °C
-
0.1
0.2
On-Resistance
Flatness
RONF
VCC = 4.2V, ICOM = 100mA, VNO or
VNC = 1V, 2.5V, Test Circuit 1
+25
°C
-
0.1
0.22
Ω
-40
°C to 85 °C
-
-
0.26
Source Off
Leakage Current
IOFF (NO) or
IOFF (NC)
VCC = 4.2V, VNO or VNC =
3.3V/0.3V, VCOM = 0.3V/3V
-40
°C to 85 °C
-
-
1
μA
Channel On Leakage
Current
INC(ON),
INO(ON),
ICOM (ON)
VCC = 4.2V, VNO or VNC = 3V/
0.3V, VCOM = 3V/0.3V, or floating
-40
°C to 85 °C
-
-
1
DIGITAL INPUTS
Input Logic High
VIH
-
-40
°C to 85 °C
1.2
-
-
V
Input Logic Low
VIL
-
-40
°C to 85 °C
-
-
0.5
IN Input Leakage
Current
IIN
VCC = 4.2V, VIN=0 or 4.2V
-40
°C to 85 °C
-
-
1
μA
DYNAMIC CHARACTERISTICS
Turn-On Time
tON
VIH=4.2V, VIL=2.0V, RL=50Ω,
CL=35pF, See Test Circuit Figure
2.
+25
°C
-
13
-
ns
Turn-Off Time
tOFF
+25
°C
-
38
-
ns
Break-Before-Make
Delay
tD
VNO or VNC=1.5V, RL=50Ω,
CL=35pF
See Test Circuit Figure 3.
+25
°C
-
8
-
ns
NC-NO
and
COM-
NC/NO
Off-Isolation
OISO
Signal = 0dBm,VNO or
VNC centered between
VCC and GND,
RL = 50Ω, See Test
Circuit Figure 4 &
Figure 5.
100kHz
+25
°C
-
-83
-
dB
1MHz
+25
°C
-
-61
-
10MHz
+25
°C
-
-40
-
Channel-to-channel
Crosstalk
XTALK
VBIAS = 2.1V, VIN
=0dBm, VIH=3V,
VIL=0V See Test Circuit
Figure 6.
100kHz
+25
°C
-
-97
-
dB
1MHz
+25
°C
-
-97
-
10MHz
+25
°C
-
-77
-
3dB Bandwidth
f3dB
VBIAS = 2.1V, VIN=0dBm, VIH=3V,
VIL=0V. See Test Circuit Figure 7.
+25
°C
-
78
-
MHz
Charge Injection
Select Input to
Common I/O
Q
VIN = GND, RS = 0, CL = 1nF,
See Test Circuit Figure 8.
+25
°C
-
50
-
pC
Off Capacitance
CNC(OFF)
f=1MHz, See Test Circuit Figure 9
+25
°C
-
20
-
pF
Off capacitance
CNO(OFF)
-
20
-
On Capacitance
CON
f=1MHz,See Test Circuit Figure 10
+25
°C
-
55
-
POWER REQUIREMENTS
Power Supply Range
VCC
-
-40
°C to 85 °C
1.8
-
4.2
V
Power Supply
Current
ICC
VCC =4.2V, VIN=0V or VCC
-40
°C to 85 °C
-
-
1
μA


Similar Part No. - PI3A412ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A412ZHE PERICOM-PI3A412ZHE Datasheet
738Kb / 11P
   0.4ohm, 3.3V, Quad SPDT Analog Switch
More results

Similar Description - PI3A412ZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A2268 PERICOM-PI3A2268 Datasheet
319Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A212 PERICOM-PI3A212 Datasheet
609Kb / 8P
   Small Plastic Package, Dual SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Pericom Semiconductor C...
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com