Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS5V104GAEX Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI4ULS5V104GAEX
Description  4-Bit Bi-directional Level Shifter with Automatic Direction Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS5V104GAEX Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI4ULS5V104GAEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS5V104GAEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS5V104GAEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS5V104GAEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS5V104GAEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS5V104GAEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS5V104GAEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS5V104GAEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4ULS5V104GAEX Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0010
PT0335-4
08/24/12
6
PI4ULS5V104
4-Bit Bi-directional Level Shifter with
Automatic Direction Controller
b.
TA = 25℃, VCCA = 1.5±0.1V
Parameter
From
(INPUT)
To
(OUTPUT)
VCCB=1.8±0.15V
VCCB = 2.5±0.2V
VCCB=3.3±0.3V
VCCB = 5±0.5V
Unit
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
B
1.4
12.9
1.2
10.1
1.1
10
0.8
9.9
ns
B
A
0.9
14.2
0.7
12
0.4
11.7
0.3
13.7
ten
OE
A
-
0.5
-
0.5
-
0.5
-
0.5
μs
B
-
0.5
-
0.5
-
0.5
-
0.5
tdis
OE
A
-
0.5
-
0.5
-
0.5
-
0.5
μs
B
-
0.5
-
0.5
-
0.5
-
0.5
trA, tfA
A-port rise and fall
times
1.4
5.1
1.4
5.1
1.4
5.1
1.4
5.1
ns
trB, tfB
B-port rise and fall
times
0.9
4.5
0.6
3.2
0.5
2.8
0.4
2.7
ns
tSK(O)
Channel-to-channel
skew
-
0.5
-
0.5
-
0.5
-
0.5
ns
Max data rate
40
-
40
-
40
-
40
-
Mbps
c.
TA = 25℃, VCCA = 1.8±0.15V
Parameter
From
(INPUT)
To
(OUTPUT)
VCCB=1.8±0.15V
VCCB=2.5±0.2V
VCCB=3.3±0.3V
VCCB=5±0.5V
Unit
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
B
1.6
11
1.4
7.7
1.3
6.8
1.2
6.5
ns
B
A
1.5
12
1.3
8.4
1
7.6
0.9
7.1
ten
OE
A
-
0.3
-
0.25
0.25
-
0.25
μs
B
-
0.3
-
0.25
0.25
-
0.25
tdis
OE
A
-
0.5
-
0.5
0.5
-
0.5
μs
B
-
0.5
-
0.5
0.5
-
0.5
trA, tfA
A-port rise and fall
times
1
4.2
1
4.1
1
4.1
1
4.1
ns
trB, tfB
B-port rise and fall
times
0.9
4.5
0.6
3.2
0.5
2.8
0.4
2.7
ns
tSK(O)
Channel-to-channel
skew
-
0.5
-
0.5
-
0.5
-
0.5
ns
Max data rate
60
-
60
-
60
-
60
-
Mbps
d.
TA = 25℃, VCCA = 2.5±0.2V
Parameter
From
(INPUT)
To
(OUTPUT)
VCCB=2.5±0.2V
VCCB=3.3±0.3V
VCCB=5±0.5V
Unit
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
B
1.1
6.3
1.0
5.2
0.9
4.7
ns
B
A
1.2
6.6
1.1
5.1
0.9
4.4
ten
OE
A
-
0.25
-
0.2
-
0.2
μs
B
-
0.25
-
0.2
-
0.2
tdis
OE
A
-
0.5
-
0.4
-
035
μs
B
-
0.5
-
0.4
-
0.35
trA, tfA
A-port rise and fall
times
0.8
3.0
0.8
3.0
0.8
3.0
ns
trB, tfB
B-port rise and fall
times
0.7
3.0
0.5
2.8
0.4
2.7
ns
tSK(O)
Channel-to-channel
skew
-
0.5
-
0.5
-
0.5
ns
Max data rate
100
-
100
-
100
-
Mbps


Similar Part No. - PI4ULS5V104GAEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS5V104GAE PERICOM-PI4ULS5V104GAE Datasheet
477Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
More results

Similar Description - PI4ULS5V104GAEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS5V104 PERICOM-PI4ULS5V104_15 Datasheet
477Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V201 PERICOM-PI4ULS5V201 Datasheet
534Kb / 11P
   1-Bit Bi-directional Level Shifter with Automatic Sensing
PI4ULS3V16 PERICOM-PI4ULS3V16_07 Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
PI4ULS5V102 PERICOM-PI4ULS5V102 Datasheet
471Kb / 12P
   2-Bit Universal Bi-directional Level Shifter with Automatic Direction Control & Advance Package Solution
PI4ULS5V202 PERICOM-PI4ULS5V202 Datasheet
548Kb / 11P
   2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16M PERICOM-PI4ULS3V16M Datasheet
657Kb / 9P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
logo
Diodes Incorporated
PI4ULS5V202Q DIODES-PI4ULS5V202Q Datasheet
1Mb / 10P
   Automotive Qualified 2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
Rev 3 - 2 October 2020
logo
Texas Instruments
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
logo
Pericom Semiconductor C...
PI4ULS3V16 PERICOM-PI4ULS3V16_13 Datasheet
333Kb / 7P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com