Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI7C9X111SL Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part No. PI7C9X111SL
Description  PCI Express-to-PCI Reversible Bridge
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C9X111SL Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI7C9X111SL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C9X111SL Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C9X111SL Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C9X111SL Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C9X111SL Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C9X111SL Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C9X111SL Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C9X111SL Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C9X111SL Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
PI7C9X111SL
PCIe-to-PCI Reversible Bridge
Page 10 of 78
Pericom Semiconductor - Confidential
Feb, 2010, Revision 1.5
1
INTRODUCTION
PI7C9X111SL is a PCIe-to-PCI/PCI-X bridge. PI7C9X111SL is compliant with the PCI Express Base
Specification, Revision 1.1, the PCI Express Card Electromechanical Specification, Revision 1.1, the PCI Local
Bus Specification, Revision 3.0 and PCI Express to PCI/PCI-X Bridge Specification, Revision 1.0. PI7C9X111SL
supports transparent mode operation. Also, PI7C9X111SL supports forward and reverse bridging. In forward
bridge mode, PI7C9X111SL has an x1 PCI Express upstream port and a 32-bit PCI downstream port. The 32-bit
PCI downstream port is 66MHz capable (see figure 1-1). In reverse bridge mode, PI7C9X111SL has a 32-bit PCI
upstream port and an x1 PCI Express downstream port. PI7C9X111SL configuration registers are backward
compatible with existing PCI bridge software and firmware. No modification of PCI bridge software and firmware
is needed for the original operation.
Figure 1-1 PI7C9X111SL Topology
1.1
PCI EXPRESS FEATURES
Compliant with PCI Express Base Specification, Revision 1.1
Compliant with PCI Express Card Electromechanical Specification, Revision 1.1
Compliant with PCI Express to PCI/PCI-X Bridge Specification, Revision 1.0
Physical Layer interface (x1 link with 2.5Gb/s data rate)
Lane polarity toggle
Virtual Isochronous support (upstream TC1-7 generation, downstream TC1-7 mapping)
ASPM support
Beacon support
CRC (16-bit), LCRC (32-bit)
ECRC and advanced error reporting
PRBS (Pseudo Random Bit Sequencing) generator/checker for chip testing
PI7C9X111SL
x1 PCI Express Port
Tx
Rx
PCI 32bit / 66MHz Bus
PCI
Device
PCI
Device
PCI
Device
PCI
Device


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn