Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS83C520-MCL Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS83C520-MCL
Description  EPROM/ROM High-Speed Microcontrollers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS83C520-MCL Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS83C520-MCL Datasheet HTML 7Page - Maxim Integrated Products DS83C520-MCL Datasheet HTML 8Page - Maxim Integrated Products DS83C520-MCL Datasheet HTML 9Page - Maxim Integrated Products DS83C520-MCL Datasheet HTML 10Page - Maxim Integrated Products DS83C520-MCL Datasheet HTML 11Page - Maxim Integrated Products DS83C520-MCL Datasheet HTML 12Page - Maxim Integrated Products DS83C520-MCL Datasheet HTML 13Page - Maxim Integrated Products DS83C520-MCL Datasheet HTML 14Page - Maxim Integrated Products DS83C520-MCL Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
11 of 43
16kB internal program space. If software reconfigures the ROMSIZE register to 4kB (0000h–0FFFh) in
the current state, the device will immediately jump to external program execution because program code
from 4kB to 16kB (1000h–3FFFh) is no longer located on-chip. This could result in code misalignment
and execution of an invalid instruction. The recommended method is to modify the ROMSIZE register
from a location in memory that will be internal (or external) both before and after the operation. In the
above example, the instruction which modifies the ROMSIZE register should be located below the 4kB
(1000h) boundary, so that it will be unaffected by the memory modification. The same precaution should
be applied if the internal program memory size is modified while executing from external program
memory.
Off-chip memory is accessed using the multiplexed address/data bus on P0 and the MSB address on P2.
While serving as a memory bus, these pins are not I/O ports. This convention follows the standard 8051
method of expanding on-chip memory. Off-chip ROM access also occurs if the
EA pin is a logic 0. EA
overrides all bit settings. The
PSEN signal goes active (low) to serve as a chip enable or output enable
when Ports 0 and 2 fetch from external ROM.
Figure 2. ROM Memory Map
DATA MEMORY ACCESS
Unlike many 8051 derivatives, the DS87C520/DS83C520 contain on-chip data memory. They also
contain the standard 256 bytes of RAM accessed by direct instructions. These areas are separate. The
MOVX instruction accesses the on-chip data memory. Although physically on-chip, software treats this
area as though it was located off-chip. The 1kB of SRAM is between address 0000h and 03FFh.
Access to the on-chip data RAM is optional under software control. When enabled by software, the data
SRAM is between 0000h and 03FFh. Any MOVX instruction that uses this area will go to the on-chip
RAM while enabled. MOVX addresses greater than 03FFh automatically go to external memory through
Ports 0 and 2.
ROM SIZE IGNORED
ROM SIZE ADJUSTABLE
DEFAULT = 16kB


Similar Part No. - DS83C520-MCL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C520-MCL DALLAS-DS83C520-MCL Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS83C520-MCL DALLAS-DS83C520-MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
DS83C520-MCL DALLAS-DS83C520-MCL Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
More results

Similar Description - DS83C520-MCL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
logo
Maxim Integrated Produc...
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
   ROM FROM EPROM
logo
Freescale Semiconductor...
MC68HC11D3 FREESCALE-MC68HC11D3 Datasheet
6Mb / 124P
   ROM-based high-performance microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com