Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C520-QNL Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS87C520-QNL
Description  EPROM/ROM High-Speed Microcontrollers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS87C520-QNL Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS87C520-QNL Datasheet HTML 6Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 7Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 8Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 9Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 10Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 11Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 12Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 13Page - Maxim Integrated Products DS87C520-QNL Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
10 of 43
MEMORY RESOURCES
Like the 8051, the DS87C520/DS83C520 use three memory areas. The total memory configuration of the
DS87C520/DS83C520 is 16kB of ROM, 1kB of data SRAM and 256 bytes of scratchpad or direct RAM.
The 1kB of data space SRAM is read/write accessible and is memory mapped. This on-chip SRAM is
reached by the MOVX instruction. It is not used for executable memory. The scratchpad area is 256 bytes
of register mapped RAM and is identical to the RAM found on the 80C52. There is no conflict or overlap
among the 256 bytes and the 1kB as they use different addressing modes and separate instructions.
OPERATIONAL CONSIDERATION
The erasure window of the windowed CERDIP should be covered without regard to the
programmed/unprogrammed state of the EPROM. Otherwise, the device may not meet the AC and DC
parameters listed in the data sheet.
PROGRAM MEMORY ACCESS
On-chip ROM begins at address 0000h and is contiguous through 3FFFh (16kB). Exceeding the
maximum address of on-chip ROM will cause the device to access off-chip memory. However, the
maximum on-chip decoded address is selectable by software using the ROMSIZE feature. Software can
cause the DS87C520/DS83C520 to behave like a device with less on-chip memory. This is beneficial
when overlapping external memory, such as Flash, is used. The maximum memory size is dynamically
variable. Thus a portion of memory can be removed from the memory map to access off-chip memory,
and then restored to access on-chip memory. In fact, all of the on-chip memory can be removed from the
memory map allowing the full 64kB memory space to be addressed from off-chip memory. ROM
addresses that are larger than the selected maximum are automatically fetched from outside the part via
Ports 0 and 2. A depiction of the ROM memory map is shown in Figure 2.
The ROMSIZE register is used to select the maximum on-chip decoded address for ROM. Bits RMS2,
RMS1, RMS0 have the following effect.
RMS2
RMS1
RMS0
MAXIMUM ON-CHIP ROM ADDRESS
0
0
0
0kB
0
0
1
1kB/03FFh
0
1
0
2kB/07FFh
0
1
1
4kB/0FFFh
1
0
0
8kB/1FFFh
1
0
1
16kB (default)/3FFFh
1
1
0
Invalid—reserved
1
1
1
Invalid—reserved
The reset default condition is a maximum on-chip ROM address of 16kB. Thus no action is required if
this feature is not used. When accessing external program memory, the first 16kB would be inaccessible.
To select a smaller effective ROM size, software must alter bits RMS2–RMS0. Altering these bits
requires a Timed-Access procedure as explained later.
Care should be taken so that changing the ROMSIZE register does not corrupt program execution. For
example, assume that the DS87C520/DS83C520 are executing instructions from internal program
memory near the 12kB boundary (~3000h) and that the ROMSIZE register is currently configured for a


Similar Part No. - DS87C520-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520-QNL DALLAS-DS87C520-QNL Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520-QNL DALLAS-DS87C520-QNL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
DS87C520-QNL DALLAS-DS87C520-QNL Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
logo
List of Unclassifed Man...
DS87C520-QNL ETC2-DS87C520-QNL Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - DS87C520-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
logo
Maxim Integrated Produc...
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
   ROM FROM EPROM
logo
Freescale Semiconductor...
MC68HC11D3 FREESCALE-MC68HC11D3 Datasheet
6Mb / 124P
   ROM-based high-performance microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com