Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS75U Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS75U
Description  Digital Thermometer and Thermostat
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75U Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS75U Datasheet HTML 1Page - Maxim Integrated Products DS75U Datasheet HTML 2Page - Maxim Integrated Products DS75U Datasheet HTML 3Page - Maxim Integrated Products DS75U Datasheet HTML 4Page - Maxim Integrated Products DS75U Datasheet HTML 5Page - Maxim Integrated Products DS75U Datasheet HTML 6Page - Maxim Integrated Products DS75U Datasheet HTML 7Page - Maxim Integrated Products DS75U Datasheet HTML 8Page - Maxim Integrated Products DS75U Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS75
2 of 14
Table 1. ORDERING INFORMATION
ORDERING
NUMBER
PACKAGE
MARKING
DESCRIPTION
DS75S+
DS75 (see note)
DS75 in Lead-Free 150mil 8-Pin SO
DS75S+T&R
DS75 (see note)
DS75 in Lead-Free 150mil 8-Pin SO, 2500-Piece Tape-and-Reel
DS75U+
DS75 (see note)
DS75 in Lead-Free 8-Pin
μMAX
DS75U+T&R
DS75 (see note)
DS75 in Lead-Free 8-Pin
μMAX, 3000-Piece Tape-and-Reel
DS75S
DS75
DS75 in 150mil 8-Pin SO
DS75S/T&R
DS75
DS75 in 150mil 8-Pin SO, 2500-Piece Tape-and-Reel
DS75U
DS75
DS75 in 8-Pin
μMAX
DS75U/T&R
DS75
DS75 in 8-Pin
μMAX, 3000-Piece Tape-and-Reel
Note: A "+" symbol will also be marked on the package near the Pin 1 indicator
Table 2. DETAILED PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
SDA
Data input/output pin for 2-wire serial communication port. Open drain.
2
SCL
Clock input pin for 2-wire serial communication port.
3
O.S.
Thermostat output. Open drain.
4
GND
Ground pin.
5
A2
Address input pin.
6
A1
Address input pin.
7
A0
Address input pin.
8
VDD
Supply Voltage. +2.7V to +5.5V supply pin.


Similar Part No. - DS75U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75U MAXIM-DS75U Datasheet
630Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 2/08
DS75U++ MAXIM-DS75U+ Datasheet
630Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 2/08
DS75U+T&R MAXIM-DS75U+T&R Datasheet
630Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 2/08
DS75U/T&R MAXIM-DS75U/T&R Datasheet
630Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 2/08
More results

Similar Description - DS75U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 3/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com