Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FHV-3AN Datasheet(PDF) 2 Page - TDK Electronics

Part No. FHV-3AN
Description  Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

FHV-3AN Datasheet(HTML) 2 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(2/3)
002-03 / 20060919 / e4e38_uhv_fhv.fm
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS/DIMENSIONS
TYPICAL CAPACITANCE CHARACTERISTICS
UHV SERIES(DC. 20 to 50kV, TC:Z5T)
FHV SERIES(DC. 15 to 50kV, TC:Y5S)
TYPICAL CAPACITANCE CHARACTERISTICS
CAPACITANCE vs. TEMPERATURE CHARACTERISTICS
UHV SERIES(DC. 20 to 50kV, TC:Z5T)
FHV SERIES(DC. 15 to 50kV, TC:Y5S)
Rated
voltage
Edc(kV)
Part No.
Rated
capacitance
(pF)±10%
Dimensions (mm)
Female
thread
øD
T
L
20
UHV-221A
200
20
19
23
ISO M4
UHV-222A
400
25
UHV-223A
700
30
UHV-224A
1,000
34
UHV-1A
1,400
38
ISO M5
UHV-2A
2,500
48
UHV-3A
4,000
60
30
UHV-231A
200
25
22
26
ISO M4
UHV-232A
400
30
UHV-233A
700
34
UHV-4A
940
38
ISO M5
UHV-5A
1,700
48
UHV-6A
2,700
60
40
UHV-241A
100
20
28
32
ISO M4
UHV-242A
200
25
UHV-243A
400
34
UHV-7A
700
38
ISO M5
UHV-8A
1,300
48
UHV-9A
2,000
60
50
UHV-251A
100
20
31
35
ISO M4
UHV-252A
200
30
UHV-253A
400
34
UHV-10A
560
38
ISO M5
UHV-11A
1,000
48
UHV-12A
1,700
60
Rated
voltage
Edc(kV)
Part No.
Rated
capacitance
(pF)±10%
Dimensions (mm)
Female
thread
øD
T
L
15
FHV-153AN 7,000
60
16.5
20.5
ISO M5
20
FHV-1AN
1,700
38
18.5
22.5
ISO M5
FHV-2AN
3,000
48
FHV-3AN
5,200
60
30
FHV-4AN
1,200
38
22
26
ISO M5
FHV-5AN
2,100
48
FHV-6AN
3,500
60
40
FHV-7AN
850
38
26
30
ISO M5
FHV-8AN
1,500
48
FHV-9AN
2,600
60
50
FHV-10AN
700
38
29
33
ISO M5
FHV-11AN
1,300
48
FHV-12AN
2,100
60
50
30
10
–10
–30
–50
–50
0
50
100
Temperature(˚C)
Z5T
50
30
10
–10
–30
–50
–50
0
50
100
Temperature(˚C)
Y5S


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn