Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FHV-2AN Datasheet(PDF) 3 Page - TDK Electronics

Part No. FHV-2AN
Description  Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

FHV-2AN Datasheet(HTML) 3 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(3/3)
002-03 / 20060919 / e4e38_uhv_fhv.fm
• All specifications are subject to change without notice.
CAPACITANCE vs. DC BIAS CHARACTERISTICS
UHV SERIES(DC. 20 to 50kV, TC:Z5T)
FHV SERIES(DC. 15 to 50kV, TC:Y5S)
PRECAUTIONS
(1) During transportation and storage
• Do not transport or store where the capacitor will be exposed to
high temperature or high humidity.
• Do not expose to poisonous gases such as H2SO4, HCl, or
HNO3.
• Avoid excessive impact such as that caused by falling.
(2) During operation
• Avoid contact with electrolytes such as perspiration. Do not
touch with bare hands.
• Avoid excessive impact such as that caused by falling.
• Do not apply solder to stud terminals.
• Do not re-machine the terminals.
(3) Usage
• When the capacitor is used for high-speed pulses such as with a
laser, make sure that the impressed voltage (peak-to-peak volt-
age) is within the capacitor’s rated specifications.
• Make sure that the capacitor is not exposed to radiant heat from
chambers or transformers.
10
0
–20
–10
–30
–40
0
50
100
150
Rated voltage(%)
100%=Rated voltage
10
0
–20
–10
–30
–40
0
50
100
150
Rated voltage(%)
100%=Rated voltage
• For more information about products with other capacitance or other data, please contact us.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn