Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGR72N60A3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGR72N60A3
Description  600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR72N60A3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGR72N60A3 Datasheet HTML 1Page - IXYS Corporation IXGR72N60A3 Datasheet HTML 2Page - IXYS Corporation IXGR72N60A3 Datasheet HTML 3Page - IXYS Corporation IXGR72N60A3 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bond wires
Leads
Copper
Copper
Solder
Ceramic
DCB
Chip
Mould
part number
Vces
(V)
Ic @ Tc = 110oc
(a)
Vce (sat) Tj = 25oc
(V)
tfi typ
(ns)
Eoff typ
(mj)
rthjc
(oc/w)
package
IXGP36N60A3
600
36
1.4
325
3
0.56
TO-220
IXGH36N60A3
600
36
1.4
325
3
0.56
TO-247
IXGH36N60A3D4
600
36
1.4
325
3
0.56
TO-247
IXGA36N60A3
600
36
1.4
325
3
0.56
TO-263
IXGR64N60A3
600
47
1.35
222
3.28
0.62
ISOPLUS247
IXGP48N60A3
600
48
1.35
224
2.9
0.42
TO-220
IXGH48N60A3
600
48
1.35
224
2.9
0.42
TO-247
IXGH48N60A3D1
600
48
1.35
224
2.9
0.42
TO-247
IXGA48N60A3
600
48
1.35
224
2.9
0.42
TO-263
IXGR72N60A3
600
52
1.35
250
3.5
0.62
ISOPLUS247
IXGR72N60A3U1
600
52
1.35
250
3.5
0.62
ISOPLUS247
IXGH64N60A3
600
64
1.35
222
3.28
0.27
TO-247
IXGT64N60A3
600
64
1.35
222
3.28
0.27
TO-268
IXGH72N60A3
600
72
1.35
250
3.5
0.23
TO-247
IXGH72N60A3
600
72
1.35
250
3.5
0.23
TO-247
IXGT72N60A3
600
72
1.35
250
3.5
0.23
TO-268
IXGX120N60A3
600
120
1.35
260
6.6
0.16
PLUS247
IXGN120N60A3
600
120
1.35
260
6.6
0.21
SOT-227B
IXGN120N60A3D1
600
120
1.35
260
6.6
0.21
SOT-227B
IXGK120N60A3
600
120
1.35
260
6.6
0.16
TO-264
IXGN320N60A3
600
170
1.25
740
na
0.17
SOT-227B
IXGN400N60A3
600
190
1.25
270
na
0.15
SOT-227
IXGX320N60A3
600
210
1.25
740
na
0.125
PLUS247
IXGK320N60A3
600
210
1.25
740
na
0.125
TO-264
600V GenX3TM (a3) IGBTs summary Table
IsoplusTM Packages with Internal Alumina DCB Isolation*
a3-class n ultra low V(sat) IGBTs n Up to 5khz
The switching and conduction losses for the A3-Class are optimized for sub-5kHz switching frequency applications.
Performance improvements for this classification include up to a 16% reduction in saturation voltage Vce(sat) compared to
prior generation product.
Provides 2500V, UL recognized isolation with superior thermal performance (E153432).
ƒ
Improves termperature and power cycling capability.
ƒ
Cost effective clip mounting.
ƒ
* IXYS Patented Packages, Patent No. 6,404,065
* For information regarding IXYS ISoPLUS packages, visit http://www.ixys.com/IXAN0022.pdf


Similar Part No. - IXGR72N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR72N60B3H1 IXYS-IXGR72N60B3H1 Datasheet
249Kb / 7P
   GenX3 600VIGBT W/ Diode Electrically Isolated Tab
More results

Similar Description - IXGR72N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
   GenX3 600V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
IXGH60N60C3D1 IXYS-IXGH60N60C3D1 Datasheet
243Kb / 7P
   GenX3 600V IGBTs with Diode
IXGK320N60A3 IXYS-IXGK320N60A3 Datasheet
207Kb / 5P
   GenX3TM 600V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com