Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH48N60A3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGH48N60A3
Description  600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH48N60A3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGH48N60A3 Datasheet HTML 1Page - IXYS Corporation IXGH48N60A3 Datasheet HTML 2Page - IXYS Corporation IXGH48N60A3 Datasheet HTML 3Page - IXYS Corporation IXGH48N60A3 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The figure on the left illustrates a general circuit
topology of an inverter welding power source. This
circuit topology is composed of four stages: A) Rectifier
stage, B) PFC & Boost stage, C) Power stage, and D)
Output stage. Input power from a power grid enters
the rectification stage to be rectified to a DC value
and is processed via a power factor correction boost
converter. From there it enters the power stage which
employs a full bridge inverter to convert the voltage
back to AC at high frequencies typically from 50Khz
to 100Khz. The AC signal is then stepped down via T1
transformer which then gets rectified and smoothed
out at the output stage.
The figure on the right illustrates an AC motor
drive that utilizes a resonant DC link inverter. A
resonant link (L1, C2) is affixed to the DC bus line
of a pulse width modulation inverter. The resonant
link is then ‘excited’ and maintains resonance
through the control of the IGBTs in a way that
the resonating dc voltage bus frequently reaches
zero volts. The IGBTs are turned on and off at
zero voltage and are synchronized to match the
zero voltage crossings to achieve the desired low
switching loss. An active clamp circuit (Q7, C1) is
added to clamp down unwanted overshoot when
the DC inverter current decreases abruptly caused
by the switching behavior of the IGBTs.
C2
Motor
Q1
Q2
Q3
Q4
Q5
Q6
Q7
C1
3-Phase AC
Gate Drive Controller
Vs
L1
C1
Q2
Q3
Q4
Q5
D1
D3
D2
D4
Q1
D5
D6
D7
R1
C2
C3
R2
C4
C5
230VAC
Rectifier
Power
Factor
Correction
Boost
Converter
Power Stage
Full Bridge Inverter
Step Down
Transformer
Output Stage
Vout+
Work Clamp
PFC
Controller
Gate Drive
Controller
L1
L2
www.ixys.com
PB60IGBTA3B3C3 1.4
January 2009
Multi-Process High Frequency Inverter Welder
AC Motor Drive (Resonant DC Link Inverter)
applIcaTIons
Power inverters
ƒ
Uninterruptible power supplies
ƒ
Motor drives
ƒ
Switch mode power supplies
ƒ
Power factor correction circuits
ƒ
Welding machines
ƒ
Lamp ballasts
ƒ
feaTures
Optimized for low switching &
ƒ
conduction losses
Square RBSOA
ƒ
High current handling capability
ƒ
International standard packages
ƒ
BenefITs
High power density
ƒ
Low gate drive requirement
ƒ


Similar Part No. - IXGH48N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH48N60A3 IXYS-IXGH48N60A3 Datasheet
228Kb / 6P
   GenX3 600V IGBT
IXGH48N60A3D1 IXYS-IXGH48N60A3D1 Datasheet
169Kb / 7P
   GenX3 600V IGBT with Diode
More results

Similar Description - IXGH48N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
   GenX3 600V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
IXGH60N60C3D1 IXYS-IXGH60N60C3D1 Datasheet
243Kb / 7P
   GenX3 600V IGBTs with Diode
IXGK320N60A3 IXYS-IXGK320N60A3 Datasheet
207Kb / 5P
   GenX3TM 600V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com