Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-BD06-STTXX Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-BD06-STTXX
Description  5mm mini Oval Precision Optical Performance AlInGaP Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD06-STTXX Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-BD06-STTXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-STTXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-STTXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-STTXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-STTXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-STTXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-STTXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-STTXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-STTXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Table 1. Device Selection Guide for AlInGaP II
Part Number
Color and Dominant
Wavelength
ld (nm) Typ.
Luminous
Intensity
Iv (mcd)
at 20 mA Min.
Luminous
Intensity
Iv (mcd)
at 20 mA Max.
Stand-Off
Leadframe
Orientation
Package
Drawing
HLMP-AD06-NSTxx
Red630
680
2500
No
Parallel
A
HLMP-AD06-P00xx
Red630
880
No
Parallel
A
HLMP-AD06-P0Txx
Red630
880
No
Parallel
A
HLMP-AD06-PQ0xx
Red630
880
1500
No
Parallel
A
HLMP-AD06-RSTxx
Red630
1500
2500
No
Parallel
A
HLMP-AD06-STTxx
Red630
1900
3200
No
Parallel
A
HLMP-AD16-P00xx
Red630
880
Yes
Parallel
B
HLMP-AD16-QTTxx
Red630
1150
3200
Yes
Parallel
B
HLMP-AD16-RS0xx
Red630
1500
2500
Yes
Parallel
B
HLMP-AD16-RSTxx
Red630
1500
2500
Yes
Parallel
B
HLMP-AD16-RUTxx
Red630
1500
4200
Yes
Parallel
B
HLMP-AD16-ST0xx
Red630
1900
3200
Yes
Parallel
B
HLMP-AD16-STTxx
Red630
1900
3200
Yes
Parallel
B
HLMP-AL16-RSRxx
Amber592
1500
2500
Yes
Parallel
B
HLMP-AL16-RSKxx
Amber592
1500
2500
Yes
Parallel
B
HLMP-BD06-L00xx
Red630
400
No
Perpendicular
C
HLMP-BD06-P00xx
Red630
880
No
Perpendicular
C
HLMP-BD06-RS0xx
Red630
1500
2500
No
Perpendicular
C
HLMP-BD06-RSTxx
Red630
1500
2500
No
Perpendicular
C
HLMP-BD06-STTxx
Red630
1900
3200
No
Perpendicular
C
HLMP-BD16-NP0xx
Red630
680
1150
Yes
Perpendicular
D
HLMP-BD16-QRTxx
Red630
1150
1900
Yes
Perpendicular
D
HLMP-BD16-RU0xx
Red630
1500
4200
Yes
Perpendicular
D
HLMP-BD16-RUTxx
Red630
1500
4200
Yes
Perpendicular
D
HLMP-BD16-ST0xx
Red630
1900
3200
Yes
Perpendicular
D
HLMP-BD16-STTxx
Red630
1900
3200
Yes
Perpendicular
D
HLMP-BL06-N00xx
Amber592
680
No
Perpendicular
C


Similar Part No. - HLMP-BD06-STTXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BD06-STT AVAGO-HLMP-BD06-STT Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

Similar Description - HLMP-BD06-STTXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com