Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGL07BD6R8N2B51A0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PTGL07BD6R8N2B51A0
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL07BD6R8N2B51A0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PTGL07BD6R8N2B51A0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTGL07BD6R8N2B51A0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTGL07BD6R8N2B51A0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PTGL07BD6R8N2B51A0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PTGL07BD6R8N2B51A0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PTGL07BD6R8N2B51A0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PTGL07BD6R8N2B51A0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PTGL07BD6R8N2B51A0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PTGL07BD6R8N2B51A0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 103 page
background image
EU RoHS Compliant
All the products in this catalog comply with EU RoHS.
EU RoHS is "the European Directive 2011/65/EU on the Restriction of the Use
of Certain Hazardous Substances in Electrical and Electronic Equipment."
For more details, please refer to our website 'Murata's Approach for EU RoHS'
(http://www.murata.com/info/rohs.html).
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - PTGL07BD6R8N2B51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL07BD6R8N2B51A0 MURATA-PTGL07BD6R8N2B51A0 Datasheet
242Kb / 3P
   PTC thermistors lead type 24V
logo
Murata Manufacturing Co...
PTGL07BD6R8N2B51A0 MURATA1-PTGL07BD6R8N2B51A0 Datasheet
401Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL07BD6R8N2B51A0 MURATA1-PTGL07BD6R8N2B51A0 Datasheet
440Kb / 3P
   PTC Thermistors
02/05/2024
PTGL07BD6R8N2B51A0 MURATA1-PTGL07BD6R8N2B51A0_V01 Datasheet
401Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL07BD6R8N2B51A0 MURATA1-PTGL07BD6R8N2B51A0_V02 Datasheet
440Kb / 3P
   PTC Thermistors
02/05/2024
More results

Similar Description - PTGL07BD6R8N2B51A0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTRA7160LBMB0 MURATA-NTRA7160LBMB0 Datasheet
37Kb / 1P
   NTC Thermistors for Inrush Current Suppression Lead Type
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com