Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TACL106M006XTA Datasheet(PDF) 3 Page - AVX Corporation

Part # TACL106M006XTA
Description  The world?셲 smallest surface mount tantalum capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TACL106M006XTA Datasheet(HTML) 3 Page - AVX Corporation

  TACL106M006XTA Datasheet HTML 1Page - AVX Corporation TACL106M006XTA Datasheet HTML 2Page - AVX Corporation TACL106M006XTA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
18
MAY 2013
TACmicrochip
®
Standard Microchip
Rated
DCL
DF
ESR
AVX
EIA
EIA
Case Cap Voltage (μA)
%
Max. (Ω)
MSL
Part No.
Code
Metric
Size
(μF)
(V)
Max. Max. @100kHz
2 Volt @ 85ºC (1.3 Volt @ 125ºC)
TACK335M002#TA 0402 1005-07
K
3.3
2
0.5
8
15
1
TACL335*002#TA
0603 1608-10
L
3.3
2
0.5
6
7.5
1
TACK475M002#TA 0402 1005-07
K
4.7
2
0.5
12
15
1
TACL475*002#TA
0603 1608-10
L
4.7
2
0.5
6
7.5
1
TACK685M002#TA 0402 1005-07
K
6.8
2
0.5
20
15
1
TACL685*002#TA
0603 1608-10
L
6.8
2
0.5
6
7.5
1
TACK106M002#TA 0402 1005-07
K
10
2
0.5
15
15
1
TACL106*002#TA
0603 1608-10
L
10
2
0.5
10
7.5
1
TACR226*002#TA
0805 2012-15
R
22
2
0.5
8
5
1
TACR336*002#TA
0805 2012-15
R
33
2
0.7
10
5
1
TACR476*002#TA
0805 2012-15
R
47
2
0.9
10
5
1
TACR686M002#TA 0805 2012-15
R
68
2
1.4
14
5
1
TACA157M002#TA 1206 3216-18
A
150
2
3
20
1
1
3 Volt @ 85ºC (2 Volt @ 125ºC)
TACK225M003#TA 0402 1005-07
K
2.2
3
0.5
6
15
1
TACL225*003#TA
0603 1608-10
L
2.2
3
0.5
6
7.5
1
TACK335M003#TA 0402 1005-07
K
3.3
3
0.5
8
15
1
TACL335*003#TA
0603 1608-10
L
3.3
3
0.5
6
7.5
1
TACK475M003#TA 0402 1005-07
K
4.7
3
0.5
12
15
1
TACL475*003#TA
0603 1608-10
L
4.7
3
0.5
6
7.5
1
TACL685*003#TA
0603 1608-10
L
6.8
3
0.5
6
7.5
1
TACL106*003#TA
0603 1608-10
L
10
3
0.5
10
7.5
1
TACR156*003#TA
0805 2012-15
R
15
3
0.5
8
5
1
TACL226M003#TA
0603 1608-10
L
22
3
0.7
20
7.5
1
TACR226*003#TA
0805 2012-15
R
22
3
0.7
8
5
1
TACR336*003#TA
0805 2012-15
R
33
3
1
10
5
1
TACR476*003#TA
0805 2012-15
R
47
3
1.5
10
5
1
TACR686M003#TA 0805 2012-15
R
68
3
2
14
5
1
TACA107M003#TA 1206 3216-18
A
100
3
3
15
1
1
TACR107M003#TA 0805 2012-15
R
100
3
3
30
5
1
4 Volt @ 85ºC (2.7 Volt @ 125ºC)
TACL155*004#TA
0603 1608-10
L
1.5
4
0.5
6
7.5
1
TACL225*004#TA
0603 1608-10
L
2.2
4
0.5
6
7.5
1
TACL335*004#TA
0603 1608-10
L
3.3
4
0.5
6
7.5
1
TACL475*004#TA
0603 1608-10
L
4.7
4
0.5
6
7.5
1
TACL685*004#TA
0603 1608-10
L
6.8
4
0.5
8
7.5
1
TACL106*004#TA
0603 1608-10
L
10
4
0.5
10
7.5
1
TACR106*004#TA
0805 2012-15
R
10
4
0.5
8
5
1
TACL156M004#TA
0603 1608-10
L
15
4
0.6
20
7.5
1
TACR156*004#TA
0805 2012-15
R
15
4
0.6
8
5
1
TACL226M004#TA
0603 1608-10
L
22
4
0.9
20
7.5
1
TACR226*004#TA
0805 2012-15
R
22
4
0.9
8
5
1
TACR336*004#TA
0805 2012-15
R
33
4
1.3
10
5
1
TACR476*004#TA
0805 2012-15
R
47
4
1.9
14
5
1
TACA686M004#TA 1206 3216-18
A
68
4
2.7
15
1
1
TACA107M004#TA 1206 3216-18
A
100
4
4
20
1
1
TACR107M004#TA 0805 2012-15
R
100
4
4
30
5
1
6.3 Volt @ 85ºC (4 Volt @ 125ºC)
TACK105*006#TA
0402 1005-07
K
1
6.3
0.5
6
15
1
TACL105*006#TA
0603 1608-10
L
1
6.3
0.5
6
7.5
1
TACL155*006#TA
0603 1608-10
L
1.5
6.3
0.5
6
7.5
1
TACK225M006#TA 0402 1005-07
K
2.2
6.3
0.5
8
15
1
TACL225*006#TA
0603 1608-10
L
2.2
6.3
0.5
6
7.5
1
TACL335*006#TA
0603 1608-10
L
3.3
6.3
0.5
6
7.5
1
TACL475*006#TA
0603 1608-10
L
4.7
6.3
0.5
8
7.5
1
TACL685*006#TA
0603 1608-10
L
6.8
6.3
0.5
10
7.5
1
TACR685*006#TA
0805 2012-15
R
6.8
6.3
0.5
8
5
1
Rated
DCL
DF
ESR
AVX
EIA
EIA
Case Cap Voltage (μA)
%
Max. (Ω)
MSL
Part No.
Code
Metric
Size
(μF)
(V)
Max. Max. @100kHz
TACL106M006#TA
0603 1608-10
L
10
6.3
0.6
10
6
1
TACR106*006#TA
0805 2012-15
R
10
6.3
0.6
8
5
1
TACL156M006#TA
0603 1608-10
L
15
6.3
0.9
20
7.5
1
TACR156*006#TA
0805 2012-15
R
15
6.3
0.9
8
5
1
TACR226*006#TA
0805 2012-15
R
22
6.3
1.4
10
5
1
TACR336*006#TA
0805 2012-15
R
33
6.3
2.1
12
5
1
TACA476*006#TA
1206 3216-18
A
47
6.3
3
15
1
1
TACR476M006#TA 0805 2012-15
R
47
6.3
3
20
5
1
TACA686M006#TA 1206 3216-18
A
68
6.3
4.3
15
1
1
TACA107M006#TA 1206 3216-18
A
100
6.3
6.3
20
1
1
10 Volt @ 85ºC (7 Volt @ 125ºC)
TACK154M010#TA 0402 1005-07
K
0.15
10
0.5
6
40
1
TACK224M010#TA 0402 1005-07
K
0.22
10
0.5
6
30
1
TACK334M010#TA 0402 1005-07
K
0.33
10
0.5
6
20
1
TACK474M010#TA 0402 1005-07
K
0.47
10
0.5
6
15
1
TACL474*010#TA
0603 1608-10
L
0.47
10
0.5
6
7.5
1
TACK684M010#TA 0402 1005-07
K
0.68
10
0.5
8
15
1
TACL684*010#TA
0603 1608-10
L
0.68
10
0.5
6
7.5
1
TACK105*010#TA
0402 1005-07
K
1
10
0.5
6
15
1
TACL105*010#TA
0603 1608-10
L
1
10
0.5
6
7.5
1
TACL155*010#TA
0603 1608-10
L
1.5
10
0.5
6
7.5
1
TACL225*010#TA
0603 1608-10
L
2.2
10
0.5
6
7.5
1
TACL335*010#TA
0603 1608-10
L
3.3
10
0.5
8
7.5
1
TACR335*010#TA
0805 2012-15
R
3.3
10
0.5
8
5
1
TACL475*010#TA
0603 1608-10
L
4.7
10
0.5
10
6
1
TACR475*010#TA
0805 2012-15
R
4.7
10
0.5
8
6
1
TACL685*010#TA
0603 1608-10
L
6.8
10
0.7
20
7.5
1
TACR685*010#TA
0805 2012-15
R
6.8
10
0.7
8
5
1
TACL106*010#TA
0603 1608-10
L
10
10
1
20
7.5
1
TACR106*010#TA
0805 2012-15
R
10
10
1
8
5
1
TACR156*010#TA
0805 2012-15
R
15
10
1.5
10
5
1
TACR226*010#TA
0805 2012-15
R
22
10
2.2
14
5
1
TACA336M010#TA 1206 3216-18
A
33
10
3.3
12
1
1
TACB336*010#TA
1210 3528-15
B
33
10
3.3
15
1
1
TACR336M010#TA 0805 2012-15
R
33
10
3.3
20
5
1
TACB476*010#TA
1210 3528-15
B
47
10
4.7
15
1
1
16 Volt @ 85ºC (10 Volt @ 125ºC)
TACK104M016#TA 0402 1005-07
K
0.1
16
0.5
6
40
1
TACK154M016#TA 0402 1005-07
K
0.15
16
0.5
6
30
1
TACK224M016#TA 0402 1005-07
K
0.22
16
0.5
6
20
1
TACK334M016#TA 0402 1005-07
K
0.33
16
0.5
6
20
1
TACL474*016#TA
0603 1608-10
L
0.47
16
0.5
6
7.5
1
TACL684*016#TA
0603 1608-10
L
0.68
16
0.5
6
7.5
1
TACL105*016#TA
0603 1608-10
L
1
16
0.5
6
7.5
1
TACL225*016#TA
0603 1608-10
L
2.2
16
0.5
10
7.5
1
TACR335*016#TA
0805 2012-15
R
3.3
16
0.5
8
5
1
TACR106*016#TA
0805 2012-15
R
10
16
1.6
10
5
1
20 Volt @ 85ºC (13 Volt @ 125ºC)
TACK104*020#TA
0402 1005-07
K
0.10
20
0.5
6
40
1
TACK224M020#TA 0402 1005-07
K
0.22
20
0.5
6
20
1
TACR335M020#TA 0805 2012-15
R
3.3
20
0.7
8
5
1
TACR475M020#TA 0805 2012-15
R
4.7
20
0.9
8
5
1
25 Volt @ 85ºC (17 Volt @ 125ºC)
TACR105*025#TA
0805 2012-15
R
1
25
0.5
8
5
1
TACA475*025#TA
1206 3216-18
A
4.7
25
1.2
8
1
1
50 Volt @ 85ºC (33 Volt @ 125ºC)
TACA105*050#TA
1206 3216-18
A
1.0
50
0.5
6
1
1
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 142.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TACL106M006XTA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACL106M010XTA AVX-TACL106M010XTA Datasheet
63Kb / 1P
   TAJ, TRJ, THJ, TAW, TPS, TPM, NOJ, NOS, NOM, NPV, TAC, TPC, TCJ and TLJ Marking
More results

Similar Description - TACL106M006XTA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
   The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com