Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV12T500A01 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # PV12T500A01
Description  Trimmer Potentiometers
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV12T500A01 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button PV12T500A01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PV12T500A01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PV12T500A01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PV12T500A01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PV12T500A01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PV12T500A01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PV12T500A01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PV12T500A01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PV12T500A01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
PVZ2/PVA2 Series Notice
c Notice (Operating and Storage Conditions)
c Notice (Rating)
1. When using with partial load (rheostat), minimize
the power depending on the resistance value.
2. The maximum input voltage to a trimmer
potentiometer should not exceed (P·R)^1/2 or the
maximum operating voltage, whichever is smaller.
3. If the trimmer potentiometer is used in DC and high
humidity conditions, please connect wiper (#2) for
plus and resistive element (#1 or #3) for minus.
(PVZ Series only)
c Notice (Soldering and Mounting)
Continued on the following page.
R50E.pdf
Jul.23,2012
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
1. Store in temperatures of -10 to +40°C and
relative humidity of 30-85%.
2. Do not store in or near corrosive gases.
3. Use within six months after delivery.
4. Open the package just before using.
5. Do not store under direct sunlight.
6. If you use the trimmer potentiometer in an
environment other than listed at right, please
consult with a Murata factory representative prior
to using.
The trimmer potentiometer should not be used under
the following environmental conditions:
(1) Corrosive gaseous atmosphere
(Ex. Chlorine gas, Hydrogen sulfide gas, Ammonia
gas, Sulfuric acid gas, Nitric oxide gas, etc.)
(2) In liquid
(Ex. Oil, Medical liquid, Organic solvent, etc.)
(3) Dusty/dirty atmosphere
(4) Direct sunlight
(5) Static voltage or electric/magnetic fields
(6) Direct sea breeze
(7) Other variations of the above
1. Soldering
(1) Reflow soldering method and soldering iron are
available. This product cannot be soldered using
the flow soldering method (dipping). If you use the
flow soldering method, the trimmer potentiometer
may not function.
(2) Use our standard land dimension. Excessive land
area causes displacement due to the effect of
the surface tension of the solder. Insufficient
land area leads to insufficient soldering
strength of the chip.
(3) Soldering conditions
Refer to the temperature profile.
If the soldering conditions are not suitable,
e.g., excessive time and/or excessive
temperature, the trimmer potentiometer may
deviate from the specified characteristics.
(4) Apply the appropriate amount of solder paste.
The thickness of solder paste should be printed
from 100 micro m to 150 micro m and the
dimension of land pattern used should be Murata's
standard land pattern at reflow soldering.
Insufficient amounts of solder can lead to
insufficient soldering strength on PCB.
Excessive amounts of solder may cause bridging
between the terminals.
(5) The soldering iron should not come in contact
with the case of the trimmer potentiometer. If
such contact does occur, the trimmer
potentiometer may be damaged.
2. Mounting
(1) Do not apply excessive force, preferably 4.9N
max. (Ref. 500gf) when the trimmer
potentiometer is mounted to the PCB.
(2) Do not warp and/or bend the PC board to protect
trimmer potentiometer from breakage.
(3) In chip placers, the recommended size of the
cylindrical pick-up nozzle should be outer
dimension 1.5-1.8mm dia. and inner dimension
1.3mm dia.
3. Cleaning
(1) In case there is flux on the resistive element,
clean sufficiently with cleaning solvents and
completely remove all residual flux.
(2) Isopropyl alcohol and ethyl alcohol are
applicable solvents for cleaning. If you use any
other types of solvents, please evaluate
performance with your product.


Similar Part No. - PV12T500A01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PV12T500A01B00 MURATA-PV12T500A01B00 Datasheet
184Kb / 3P
   Inductance
More results

Similar Description - PV12T500A01

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
   trimmer potentiometers
logo
Murata Manufacturing Co...
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PV36P503C01B00 MURATA-PV36P503C01B00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3K103E01B00 MURATA1-PVZ3K103E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K224E01B00 MURATA1-PVZ3K224E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com