Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV12P205A01 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # PV12P205A01
Description  Trimmer Potentiometers
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV12P205A01 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button PV12P205A01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PV12P205A01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PV12P205A01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PV12P205A01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PV12P205A01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PV12P205A01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PV12P205A01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PV12P205A01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PV12P205A01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Driver Plate
Resistive Element
Ceramic Substrate
#3-Terminal
#1-Terminal
Wiper
#2-Terminal
c Construction
(
Tolerance : ±0.1 )
in mm
1.1
0.70
1.90
c Standard Land Pattern
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±3%
Res. Change: ±10% (10 cycles)
Humidity Exposure
High Temperature
Exposure
Humidity Load Life
Load Life
Temperature Cycle
Rotational Life
c Characteristics
R50E.pdf
Jul.23,2012
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1


Similar Part No. - PV12P205A01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PV12P205A01B00 MURATA-PV12P205A01B00 Datasheet
182Kb / 3P
   available for ultrasonic cleaning after soldering
More results

Similar Description - PV12P205A01

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
   trimmer potentiometers
logo
Murata Manufacturing Co...
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PV36P503C01B00 MURATA-PV36P503C01B00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3K103E01B00 MURATA1-PVZ3K103E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K224E01B00 MURATA1-PVZ3K224E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com