Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD8143S Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FOD8143S
Description  4-Pin High Operating Temperature Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8143S Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FOD8143S Datasheet HTML 1Page - Fairchild Semiconductor FOD8143S Datasheet HTML 2Page - Fairchild Semiconductor FOD8143S Datasheet HTML 3Page - Fairchild Semiconductor FOD8143S Datasheet HTML 4Page - Fairchild Semiconductor FOD8143S Datasheet HTML 5Page - Fairchild Semiconductor FOD8143S Datasheet HTML 6Page - Fairchild Semiconductor FOD8143S Datasheet HTML 7Page - Fairchild Semiconductor FOD8143S Datasheet HTML 8Page - Fairchild Semiconductor FOD8143S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
5
Typical Electrical/Optical Characteristics (T
A = 25°C Unless otherwise specified.)
0
1
2
3
4
5
6
Fig. 1 Collector Power Dissipation
vs. Ambient Temperature
(FOD814)
FORWARD CURRENT IF (mA)
Fig. 3 Collector-Emitter Saturation Voltage
vs. Forward Current
Fig. 5 Forward Current vs. Forward Voltage
(FOD817)
FORWARD VOLTAGE VF (V)
FORWARD CURRENT IF (mA)
Fig. 6 Current Transfer Ratio
vs. Forward Current
AMBIENT TEMPERATURE TA (°C)
15.0
12.5
10.0
7.5
5.0
2.5
0
V
=
CE
5V
Ta= 25°C
Ic = 0.5mA
1m A
3m A
Ta = 25°C
7m A
5m A
0
0. 1 0.2
0.5 1
2
5
10 20
50 100
20
40
60
80
100
120
140
-40 -20
0
20
40
60
80 100 120
-55
0
50
100
150
200
Fig. 2 Collector Power Dissipation
vs. Ambient Temperature
(FOD817)
AMBIENT TEMPERATURE TA (°C)
-40 -20
0
20
40
60
80 100 120
-55
0
50
100
150
200
0.5
1.0
1.5
2.0
TA = 110
oC
75
oC
50
oC
25
oC
0
oC
-30
oC
-55
oC
0.1
1
10
100
FOD814
FOD817
Fig. 4 Forward Current vs. Forward Voltage
(FOD814)
FORWARD VOLTAGE VF (V)
0.5
1.0
1.5
2.0
TA = 105
oC
75
oC
50
oC
25
oC
0
oC
-30
oC
-55
oC
0.1
1
10
100


Similar Part No. - FOD8143S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8143S FAIRCHILD-FOD8143S Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results

Similar Description - FOD8143S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817B300W FAIRCHILD-FOD817B300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A300W FAIRCHILD-FOD817A300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817SD FAIRCHILD-FOD817SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173SD FAIRCHILD-FOD8173SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817D3SD FAIRCHILD-FOD817D3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B3S FAIRCHILD-FOD817B3S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817AW FAIRCHILD-FOD817AW Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817300W FAIRCHILD-FOD817300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173S FAIRCHILD-FOD8173S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814 FAIRCHILD-FOD814_06 Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com