Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJN3303FBU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FJN3303FBU
Description  High Voltage Fast-Switching NPN Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJN3303FBU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FJN3303FBU Datasheet HTML 1Page - Fairchild Semiconductor FJN3303FBU Datasheet HTML 2Page - Fairchild Semiconductor FJN3303FBU Datasheet HTML 3Page - Fairchild Semiconductor FJN3303FBU Datasheet HTML 4Page - Fairchild Semiconductor FJN3303FBU Datasheet HTML 5Page - Fairchild Semiconductor FJN3303FBU Datasheet HTML 6Page - Fairchild Semiconductor FJN3303FBU Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJN3303F Rev. A1
3
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. DC Current Gain
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter Saturation Voltage
Figure 5. Resistive Load Switching Time
Figure 6. Resistive Load Switching Time
01
234
56
789
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
B = 120 mA
I
B = 40 mA
I
B = 20 mA
V
CE [V], COLLECTOR-EMITTER VOLTAGE
1E-3
0.01
0.1
1
1
10
100
V
CE
= 2V
T
A
= 25
oC
T
A
= 75
oC
T
A
= 125
oC
T
A
= - 25
oC
I
C
[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
T
A
= 75
oC
T
A
= 25
oC
T
A
= - 25
oC
T
A
= 125
oC
I
C
= 4 I
B
I
C
[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.1
1
10
T
A
= 75
oC
T
A
= 25
oC
T
A
= - 25
oC
T
A
= 125
oC
I
C
= 4 I
B
I
C
[A], COLLECTOR CURRENT
0.1
1
0.01
0.1
1
10
t
F
t
STG
I
B1 = - IB2 = 0.2A
V
CC = 125V
I
C [A], COLLECTOR CURRENT
0.1
1
0.01
0.1
1
10
t
F
t
STG
I
B1 = 120mA, IB2 = - 40mA
V
CC = 310V
I
C [A], COLLECTOR CURRENT


Similar Part No. - FJN3303FBU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN3303 FAIRCHILD-FJN3303 Datasheet
36Kb / 4P
   NPN Epitaxial Silicon Transistor
FJN3303 FAIRCHILD-FJN3303 Datasheet
438Kb / 6P
   High Voltage Fast-Switching NPN Power Transistor
FJN3303R FAIRCHILD-FJN3303R Datasheet
36Kb / 4P
   NPN Epitaxial Silicon Transistor
FJN3303R FAIRCHILD-FJN3303R Datasheet
42Kb / 4P
   Switching Application (Bias Resistor Built In)
FJN3303R FAIRCHILD-FJN3303R Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
More results

Similar Description - FJN3303FBU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com