Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFM41CC222R2A3L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NFM41CC222R2A3L
Description  EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM41CC222R2A3L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NFM41CC222R2A3L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM41CC222R2A3L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Capacitor type) > Single Circuit Type for Signal Lines
2012.9.6
oThis data sheet is applied for CHIP EMIFILr used for General Electronics equipment for your design.
EMIFIL
r (Capacitor type) Single Circuit Type for Signal Lines
NFM41C Series (1806 Size)
c Dimensions
(1)
(2)
(2)
(3)
1.5±0.3
4.5±0.3
0.4±0.3
1.6±0.3
(in mm)
: Electrode
c Insertion Loss Characteristics (Main Items)
0
20
40
60
80
100
1
10
100
1000 2000
Frequency (MHz)
(50
Ω - 50Ω)
NFM41CC223R2A3
NFM41CC222R2A3
NFM41CC102R2A3
NFM41CC471R2A3
NFM41CC221U2A3
NFM41CC101U2A3
NFM41CC470U2A3
NFM41CC220U2A3
c Equivalent Circuit
Input (Output)
(1)
Output (Input)
(3)
(2)
GND
No polarity.
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
4000
B
Bulk(Bag)
500
c Rated Value (p: packaging code)
Part Number
Capacitance
Rated Current
Rated Voltage
Insulation Resistance (min.)
Operating
Temperature Range
NFM41CC220U2A3
p
22pF 50/-20%
300mA
100Vdc
10000M ohm
-55 to +125°C
NFM41CC470U2A3
p
47pF 50/-20%
300mA
100Vdc
10000M ohm
-55 to +125°C
NFM41CC101U2A3
p
100pF 50/-20%
300mA
100Vdc
10000M ohm
-55 to +125°C
NFM41CC221U2A3
p
220pF 50/-20%
300mA
100Vdc
10000M ohm
-55 to +125°C
NFM41CC471R2A3
p
470pF 50/-20%
300mA
100Vdc
10000M ohm
-55 to +125°C
NFM41CC102R2A3
p
1000pF 50/-20%
300mA
100Vdc
10000M ohm
-55 to +125°C
NFM41CC222R2A3
p
2200pF 50/-20%
300mA
100Vdc
10000M ohm
-55 to +125°C
NFM41CC223R2A3
p
22000pF 50/-20%
300mA
100Vdc
10000M ohm
-55 to +125°C
Number of Circuit: 1
Continued on the following page.


Similar Part No. - NFM41CC222R2A3L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM41CC222R2A3 MURATA-NFM41CC222R2A3 Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM41CC222R2A3 MURATA-NFM41CC222R2A3 Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results

Similar Description - NFM41CC222R2A3L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKM13EPYH4002-B0 MURATA-PKM13EPYH4002-B0 Datasheet
1Mb / 35P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM18CC223R1C3D MURATA-NFM18CC223R1C3D Datasheet
103Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC471R1H3D MURATA-NFM21CC471R1H3D Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3D MURATA-NFM21CC222R1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC220U1H3D MURATA-NFM21CC220U1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM41PC204F1H3L MURATA-NFM41PC204F1H3L Datasheet
47Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFL18ST107X1C3D MURATA-NFL18ST107X1C3D Datasheet
39Kb / 1P
   Capacitor Type for Signal Lines
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com