Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA25N120ANTDTU Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FGA25N120ANTDTU
Description  1200 V, 25 A NPT Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA25N120ANTDTU Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FGA25N120ANTDTU Datasheet HTML 1Page - Fairchild Semiconductor FGA25N120ANTDTU Datasheet HTML 2Page - Fairchild Semiconductor FGA25N120ANTDTU Datasheet HTML 3Page - Fairchild Semiconductor FGA25N120ANTDTU Datasheet HTML 4Page - Fairchild Semiconductor FGA25N120ANTDTU Datasheet HTML 5Page - Fairchild Semiconductor FGA25N120ANTDTU Datasheet HTML 6Page - Fairchild Semiconductor FGA25N120ANTDTU Datasheet HTML 7Page - Fairchild Semiconductor FGA25N120ANTDTU Datasheet HTML 8Page - Fairchild Semiconductor FGA25N120ANTDTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2006 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FGA25N120ANTD/FGA25N120ANTD_F109 Rev. C0
Mechanical Dimensions
TO-3PN
Dimensions in Millimeters


Similar Part No. - FGA25N120ANTDTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGA25N120ANTDTU ONSEMI-FGA25N120ANTDTU Datasheet
1Mb / 9P
   1200 V, 25 A NPT Trench IGBT
October-2017,Rev.3
FGA25N120ANTDTU-F109 ONSEMI-FGA25N120ANTDTU-F109 Datasheet
1Mb / 9P
   1200 V, 25 A NPT Trench IGBT
October-2017,Rev.3
More results

Similar Description - FGA25N120ANTDTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGA25N120ANTDTU ONSEMI-FGA25N120ANTDTU Datasheet
1Mb / 9P
   1200 V, 25 A NPT Trench IGBT
October-2017,Rev.3
FGA15N120ANTDTU ONSEMI-FGA15N120ANTDTU Datasheet
907Kb / 9P
   1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
logo
Fairchild Semiconductor
FGH25T120SMD FAIRCHILD-FGH25T120SMD Datasheet
308Kb / 9P
   1200 V, 25 A Field Stop Trench IGBT
logo
Renesas Technology Corp
RJH1CD7DPQ-A0 RENESAS-RJH1CD7DPQ-A0 Datasheet
59Kb / 4P
   1200 V - 25 A - IGBT Application: Inverter
logo
ON Semiconductor
FGH40T120SMDL4 ONSEMI-FGH40T120SMDL4 Datasheet
592Kb / 10P
   IGBT - FS, Trench 1200 V, 40 A
December, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FGD5T120SH FAIRCHILD-FGD5T120SH Datasheet
532Kb / 8P
   1200 V, 5 A FS Trench IGBT
FGL60N100BNTDTU FAIRCHILD-FGL60N100BNTDTU Datasheet
394Kb / 7P
   1000 V, 60 A NPT Trench IGBT
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
   1200 V, 15 A Field Stop Trench IGBT
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
   1200 V, 40 A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com