Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGL05AS270K6B51B0 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # PTGL05AS270K6B51B0
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL05AS270K6B51B0 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button PTGL05AS270K6B51B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PTGL05AS270K6B51B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PTGL05AS270K6B51B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PTGL05AS270K6B51B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PTGL05AS270K6B51B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PTGL05AS270K6B51B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PTGL05AS270K6B51B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PTGL05AS270K6B51B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PTGL05AS270K6B51B0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
5
1. Resistance - Temperature Characteristics
POSISTOR
r has three main characteristics.
Although there is a negligible difference between the
normal and "Curie Point" temperature, POSISTOR
r
shows almost constant resistance-temperature
characteristics. Yet they have resistance-temperature
characteristics that cause resistance to sharply increase
when the temperature exceeds the Curie Point.
The Curie Point (C.P.) is defined as the temperature at
which the resistance value is twice the one at 25°C.
2. Current - Voltage Characteristics (Static Characteristic)
This shows the relation between applied voltage when
voltage applied to POSISTOR
r causes balancing of
inner heating and outer thermal dissipation and stabilized
current. This has both a maximum point of current and
constant output power.
3. Current - Time Characteristics (Dynamic Characteristic)
This shows the relation between current and time before
inner heating and outer thermal dissipation arrive at
equilibrium state. This features having large initial current
and abruptly continuous attenuating portion.
Resistance - Temperature Characteristic
cBasic Characteristics
10
5
10
4
10
3
10
2
10
1
0
50
100
150
200
Temperature (°C)
Current - Voltage Characteristic (Static Characteristic)
Current - Time Characteristic (Dynamic Characteristic)
Ta=25°C
10
10
10
1
3
2
2
0.1
1
10
10
Voltage (V)
1.5
1.0
0.5
Time (sec.)
Ta=25°C
BD BC BB AR
Basic Characteristics of POSISTOR
r
C.P. (AR: 120°C)


Similar Part No. - PTGL05AS270K6B51B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL05AS270K6B51B0 MURATA-PTGL05AS270K6B51B0 Datasheet
248Kb / 3P
   PTGL Thermistors
logo
Murata Manufacturing Co...
PTGL05AS270K6B51B0 MURATA1-PTGL05AS270K6B51B0 Datasheet
444Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL05AS270K6B51B0 MURATA1-PTGL05AS270K6B51B0 Datasheet
482Kb / 3P
   PTC Thermistors
02/05/2024
PTGL05AS270K6B51B0 MURATA1-PTGL05AS270K6B51B0_V01 Datasheet
444Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL05AS270K6B51B0 MURATA1-PTGL05AS270K6B51B0_V02 Datasheet
482Kb / 3P
   PTC Thermistors
02/05/2024
More results

Similar Description - PTGL05AS270K6B51B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTRA7160LBMB0 MURATA-NTRA7160LBMB0 Datasheet
37Kb / 1P
   NTC Thermistors for Inrush Current Suppression Lead Type
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com