Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGL09AS2R2K3B51B0 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # PTGL09AS2R2K3B51B0
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL09AS2R2K3B51B0 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button PTGL09AS2R2K3B51B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PTGL09AS2R2K3B51B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PTGL09AS2R2K3B51B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PTGL09AS2R2K3B51B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PTGL09AS2R2K3B51B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PTGL09AS2R2K3B51B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PTGL09AS2R2K3B51B0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PTGL09AS2R2K3B51B0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PTGL09AS2R2K3B51B0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
7
What is the potential maximum
voltage applied to POSISTOR
r?
How much current flows in the
circuit at normal conditions?
How much current flows in the
circuit at abnormal conditions?
Line Voltage 140V
Usual Current 200mA
Abnormal Current 580mA
Part Number
Max. Voltage
(V)
Hold
Current at +60°C
(mA)
Trip
Current at -10°C
(mA)
Max. Current
(A)
Resistance
(at 25°C)
(ohm)
Thickness
(T)
(mm)
PTGL18AR4R7M6B72B0
125
360
900
1.7
4.7 ±20%
5.5
PTGL18AR3R3M6B72B0
125
420
1050
2.0
3.3 ±20%
5.5
PTGL07AR330M6A51B0
140
100
230
0.5
33 ±20%
6.0
PTGL09AR220M6C61B0
140
140
330
1.0
22 ±20%
6.0
PTGL10AR150M6C61B0
140
170
400
1.0
15 ±20%
6.0
PTGL12AR100M6C01B0
140
220
510
1.0
10 ±20%
6.0
PTGL13AR6R8M6C01B0
140
290
670
1.0
6.8 ±20%
6.0
PTGL16AR5R6M6C01B0
PTGL12AR100M6C01B0 is the best selection in this case.
140
340
780
2.0
5.6 ±20%
6.0
Body
Diameter (D)
(mm)
18.5
18.5
7.4
9.6
11.6
13.0
14.0
17.0
o Confirmation Items
o Example
o Selection Standards
Line
Maximum voltage
V
voltage
of POSISTOR
r
Abnormal
Trip current of
U
current
POSISTOR
r
Usual
Hold current
V
current
of POSISTOR
r
Selection Guide
Please confirm the parameters according to the following questions.
The best selection is the product that matches three parameters.


Similar Part No. - PTGL09AS2R2K3B51B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL09AS2R2K3B51B0 MURATA-PTGL09AS2R2K3B51B0 Datasheet
247Kb / 3P
   PTGL Thermistors
logo
Murata Manufacturing Co...
PTGL09AS2R2K3B51B0 MURATA1-PTGL09AS2R2K3B51B0 Datasheet
455Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL09AS2R2K3B51B0 MURATA1-PTGL09AS2R2K3B51B0 Datasheet
493Kb / 3P
   PTC Thermistors
02/08/2024
PTGL09AS2R2K3B51B0 MURATA1-PTGL09AS2R2K3B51B0_V01 Datasheet
455Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL09AS2R2K3B51B0 MURATA1-PTGL09AS2R2K3B51B0_V02 Datasheet
493Kb / 3P
   PTC Thermistors
02/08/2024
More results

Similar Description - PTGL09AS2R2K3B51B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTRA7160LBMB0 MURATA-NTRA7160LBMB0 Datasheet
37Kb / 1P
   NTC Thermistors for Inrush Current Suppression Lead Type
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com