Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGL05AS6R8K3B51B0 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PTGL05AS6R8K3B51B0
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL05AS6R8K3B51B0 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PTGL05AS6R8K3B51B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTGL05AS6R8K3B51B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTGL05AS6R8K3B51B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PTGL05AS6R8K3B51B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PTGL05AS6R8K3B51B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PTGL05AS6R8K3B51B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PTGL05AS6R8K3B51B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PTGL05AS6R8K3B51B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PTGL05AS6R8K3B51B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
CONTENTS
POSISTOR
r and "POSISTOR" in this catalog are
the trademarks of Murata Manufacturing Co., Ltd.
Part Numbering
2
Basic Characteristics of POSISTOR
r
5
Selection Guide
7
Application Matrix
8
Application Notes
9
Overcurrent Protection Chip Type
13
Chip Type Specifications and Test Methods
20
Overcurrent Protection Narrow Current Band 30V Series
22
Overcurrent Protection Narrow Current Band 51/60V Series
25
Overcurrent Protection Narrow Current Band 140V Series
30
Overcurrent Protection 16V Series
33
Overcurrent Protection 24/30/32V Series
36
Overcurrent Protection 56/80V Series
43
Overcurrent Protection 125/140V Series
49
Overcurrent Protection 250/265V Series
56
PTGL Series Narrow Current Band Specifications and Test Methods
64
PTGL Series Specifications and Test Methods
66
Inrush Current Suppression (Less than 100μF)
67
Inrush Current Suppression for High Capacitance (100μF or more)
68
Inrush Current Suppression Specifications and Test Methods
69
Overheat Sensing Chip Tight Tolerance Type
70
Overheat Sensing Chip Type
71
Overheat Sensing Chip Type (Related Data)
72
Overheat Sensing Chip Tight Tolerance Type (Reference Data)
73
Overheat Sensing Chip Type (Reference Data)
76
Overheat Sensing Chip Tight Tolerance Type Specifications and Test Methods
78
Overheat Sensing Chip Type Specifications and Test Methods
81
Overheat Sensing Lead Type
82
Temperature Sensor Lead Type Specifications and Test Methods
86
!Caution/Notice
87
Chip Type PRG/PRF Series Package
97
Lead Type PTGL/PTF Series Package
98
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - PTGL05AS6R8K3B51B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL05AS6R8K3B51B0 MURATA-PTGL05AS6R8K3B51B0 Datasheet
246Kb / 3P
   PTGL Thermistors
logo
Murata Manufacturing Co...
PTGL05AS6R8K3B51B0 MURATA1-PTGL05AS6R8K3B51B0 Datasheet
443Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL05AS6R8K3B51B0 MURATA1-PTGL05AS6R8K3B51B0 Datasheet
481Kb / 3P
   PTC Thermistors
02/05/2024
PTGL05AS6R8K3B51B0 MURATA1-PTGL05AS6R8K3B51B0_V01 Datasheet
443Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PTGL05AS6R8K3B51B0 MURATA1-PTGL05AS6R8K3B51B0_V02 Datasheet
481Kb / 3P
   PTC Thermistors
02/05/2024
More results

Similar Description - PTGL05AS6R8K3B51B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTRA7160LBMB0 MURATA-NTRA7160LBMB0 Datasheet
37Kb / 1P
   NTC Thermistors for Inrush Current Suppression Lead Type
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com