Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTGL16AS101H0B02BZ Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # PTGL16AS101H0B02BZ
Description  POSISTOR for Circuit Protection
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTGL16AS101H0B02BZ Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button PTGL16AS101H0B02BZ Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTGL16AS101H0B02BZ Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PTGL16AS101H0B02BZ Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PTGL16AS101H0B02BZ Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PTGL16AS101H0B02BZ Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PTGL16AS101H0B02BZ Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PTGL16AS101H0B02BZ Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PTGL16AS101H0B02BZ Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PTGL16AS101H0B02BZ Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
qProduct ID
eDimensions
yResistance Tolerance
uIndividual Specifications
PTC Thermistors (POSISTOR
r)
for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PT
PTC Thermistors
H
K
M
N
Q
±25%
±10%
±20%
±30%
Special Tolerance
3P51
Individual Specifications
Product ID
Code
Resistance Tolerance
Code
(Part Number)
tResistance
Expressed by three-digit alphanumerics. The unit is ohm (
Ω). The
first and second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures. If
there is a decimal point, it is expressed by the capital letter "R." In
this case, all figures are significant digits.
R22
2R2
220
Ex.
Ex.
0.22
Ω
2.2
Ω
22
Ω
Code
Resistance
Lead Type, others
iPackaging
A
*
B
*
Packaging
Code
Ammo Pack
Bulk
wSeries
FL
FM
GL
for Overheat Sensing Lead Type
for Overheat Sensing with Lug-terminal
for Current Control (Over Current Protection ·
Inrush Current Suppression) Lead Type
Code
Series
rTemperature Characteristics
04
05
07
09
10
12
13
14
16
18
20
AR
AS
BA
BB
BC
BD
BE
BF
BG
BH
Curie Point 120°C
Curie Point 130°C
Curie Point 110°C
Curie Point 100°C
Curie Point 90°C
Curie Point 80°C
Curie Point 70°C
Curie Point 60°C
Curie Point 50°C
Curie Point 40°C
Temperature Characteristics
Code
Code
Dimensions
Nominal Body Diameter 4mm Series
Nominal Body Diameter 5mm Series
Nominal Body Diameter 7mm Series
Nominal Body Diameter 9mm Series
Nominal Body Diameter 10mm Series
Nominal Body Diameter 12mm Series
Nominal Body Diameter 13mm Series
Nominal Body Diameter 14mm Series
Nominal Body Diameter 16mm Series
Nominal Body Diameter 18mm Series
Nominal Body Diameter 20mm Series
u
3P51
r
AR
w
GL
t
220
y
M
i
A0
PT
q
e
07


Similar Part No. - PTGL16AS101H0B02BZ

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL16AS101H0B02BZ MURATA-PTGL16AS101H0B02BZ Datasheet
1Mb / 103P
   PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PTGL16AS101H0B02BZ MURATA-PTGL16AS101H0B02BZ Datasheet
221Kb / 3P
   PTGL Thermistors
logo
Murata Manufacturing Co...
PTGL16AS101H0B02BZ MURATA1-PTGL16AS101H0B02BZ Datasheet
346Kb / 3P
   PTC for Inrush Current Suppression
12/12/2022
PTGL16AS101H0B02BZ MURATA1-PTGL16AS101H0B02BZ_V01 Datasheet
346Kb / 3P
   PTC for Inrush Current Suppression
12/12/2022
More results

Similar Description - PTGL16AS101H0B02BZ

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTH9M0 MURATA-PTH9M0 Datasheet
32Kb / 1P
   POSISTOR for Circuit Protection
PTWSB1BC201T260A00 MURATA-PTWSB1BC201T260A00 Datasheet
130Kb / 7P
   POSISTOR for Heater
logo
StarHope
P0080EA SPSEMI-P0080EA Datasheet
640Kb / 3P
   P thyristor for circuit protection
SMB SPSEMI-SMB Datasheet
777Kb / 3P
   P thyristor for circuit protection
P0080L SPSEMI-P0080L Datasheet
754Kb / 3P
   P thyristor for circuit protection
SMA SPSEMI-SMA Datasheet
741Kb / 3P
   P thyristor for circuit protection
logo
TE Connectivity Ltd
EV500 TEC-EV500 Datasheet
334Kb / 2P
   n Suited for circuit protection control
logo
List of Unclassifed Man...
5504S ETC1-5504S Datasheet
154Kb / 2P
   CIRCUIT PROTECTION
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
logo
E-Tech Electronics LTD
GS204U ETL-GS204U Datasheet
152Kb / 2P
   The GS204U is designed for bias circuit and protection circuit.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com