Electronic Components Datasheet Search |
|
PRF18BG471RB5RB Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd. |
|
PRF18BG471RB5RB Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd. |
11 / 104 page R90E.pdf Sep.24,2012 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 9 Application Part Number Max. Voltage (V) Resistance (at 25 °C) (ohm) Body Diameter (mm) Thickness (mm) Lead Space (mm) Lead Diameter (mm) More Details PTGL13AR100H8B72B0 PTGL12AR150H8B72B0 PTGL14AR180M9C01B0 PTGL09AR250H8B52B0 PTGL09AR390M9C61B0 PTGL07AR560M9B51A0 PTGL07AR820M9B51A0 PTGL07AS121M0N51A0 PTGL07AS181M0N51A0 For high wattage power supply 10 ±25% 14.0 6.0 7.5 0.60 page 57 15 ±25% 12.5 6.0 7.5 0.60 page 57 18 ±20% 15.7 6.5 10.0 0.65 page 57 25 ±25% 10.0 6.0 5.0 0.60 page 57 39 ±20% 10.0 6.5 6.5 0.65 page 57 56 ±20% 8.2 6.5 5.0 0.60 - 82 ±20% 8.2 6.5 5.0 0.60 - 120 ±20% 7.8 6.0 5.0 0.50 page 67 180 ±20% 7.8 6.0 5.0 0.50 page 67 For power supply of electronic fluorescent ballasts 265 280 Please ask for details. POSISTOR r is an integrated solution to work as both current limit resistor and overcurrent fuse. It works as a stable resistor in normal operation and protects itself against overcurrent situations. (1) High wattage power supply (flat display panels etc.) (2) Power supply for fluorescent lights (3) Other switching power supplies c Inrush Current Limit for Power Supply POSISTOR r Lead type: PTGL series 1. Applications (1) Protection against overcurrent situations (2) Automatic reset from protective trip mode (3) Space-saving (4) Various characteristics to meet a suitable resistance value 2. Benefits Choose an appropriate part number based on the resistance value required to the inrush current limit. Review the maximum voltage. 3. Recommended part numbers Load + - Load POSISTOR r + - Application Notes Replacement idea for a resistor and fuse solution |
Similar Part No. - PRF18BG471RB5RB |
|
Similar Description - PRF18BG471RB5RB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |