Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRF18BD471QB5RB Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BD471QB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BD471QB5RB Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PRF18BD471QB5RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRF18BD471QB5RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF18BD471QB5RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PRF18BD471QB5RB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PRF18BD471QB5RB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PRF18BD471QB5RB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PRF18BD471QB5RB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PRF18BD471QB5RB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PRF18BD471QB5RB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
y
Q
e
18
w
F
r
BB
t
471
u
B5
i
RB
PR
q
qProduct ID
wSeries
rTemperature Characteristics
yResistance Tolerance
uIndividual Specifications
PTC Thermistors (POSISTOR
r) for Overheat Sensing Chip Type
PR
PTC Thermistors Chip Type
Q
R
F
for Overheat Sensing
AR
AS
BA
BB
BC
BD
BE
BF
BG
Curie Point 120°C
Curie Point 130°C
Curie Point 110°C
Curie Point 100°C
Curie Point 90°C
Curie Point 80°C
Curie Point 70°C
Curie Point 60°C
Curie Point 50°C
Special Tolerance
Special Tolerance
Temperature Characteristics
B5
Individual Specifications
Product ID
Code
Code
Code
Series
Resistance Tolerance
±5°C
±3°C
Sensing Temp. Tolerance
Code
(Part Number)
tResistance
Expressed by three figures. The unit is ohm (
Ω). The first and
second figures are significant digits, and the third figure expresses
the number of zeros which follow the two figures.
471
Ex.
Ex.
470
Ω
Code
Resistance
Structure, others
eDimensions (LgW)
15
18
21
1.00
g0.50mm
1.60
g0.80mm
2.00
g1.25mm
Code
Dimensions (L
gW)
0402
0603
0805
EIA
iPackaging
RA
RB
RC
Packaging
Code
Embossed Taping (4mm Pitch) (4000 pcs.)
Paper Taping (4mm Pitch) (4000 pcs.)
Paper Taping (2mm Pitch) (10000 pcs.)


Similar Part No. - PRF18BD471QB5RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF18BD471QB5RB MURATA-PRF18BD471QB5RB Datasheet
1Mb / 104P
   POSISTOR for Circuit Protection
PRF18BD471QB5RB MURATA-PRF18BD471QB5RB Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
PRF18BD471QB5RB MURATA-PRF18BD471QB5RB Datasheet
222Kb / 3P
   PTC Thermistors
logo
Murata Manufacturing Co...
PRF18BD471QB5RB MURATA1-PRF18BD471QB5RB Datasheet
445Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF18BD471QB5RB MURATA1-PRF18BD471QB5RB_V01 Datasheet
445Kb / 3P
   PTC for Temperature Sensor
12/06/2022
More results

Similar Description - PRF18BD471QB5RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTRA7160LBMB0 MURATA-NTRA7160LBMB0 Datasheet
37Kb / 1P
   NTC Thermistors for Inrush Current Suppression Lead Type
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com