Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDY1205C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NDY1205C
Description  Isolated 3W Wide Input DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NDY1205C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NDY1205C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NDY1205C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NDY1205C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NDY1205C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NDY Series
Isolated 3W Wide Input DC/DC Converters
KDC_NDY.F02 Page 3 of 4
www.murata-ps.com/support
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering
systems with a peak wave solder temperature of
300ºC for 10 seconds. The pin termination finish
on this product series is Bright Tin. The series
is backward compatible with Sn/Pb soldering
systems.
For further information, please visit www.murata-ps.com/rohs
APPLICATION NOTES
Recommended input & output capacitors
Although these converters will work without external capacitors, they are necessary in order to guarantee the full parametric performance over the full line and load
range. All parts have been tested and characterized using the following values and test circuit.
Input Voltage
CIN
Output Voltage
COUT
LOUT
5V, 12V
100μF, 25V (0.25Ω at 100KHz)
3.3V
100μF, 25V (0.25Ω at 100KHz)
MPS# - 24100C
24V, 48V
10μF, 100V (1.5Ω at 100KHz)
5V, 12V, 15V
Not required
Test circuit, 5V, 12V and 15V output
Recommended circuit for reduced ripple 3.3V output
Output load
The minimum rated load across the whole input voltage range is 25% of the full load output. It is important to take care that the load does not fall below this as the output ripple
will greatly increase. While this condition will not harm the device the resultant increase in output ripple could cause customers’ application to malfunction.
NDY
COUT
CIN
- V
IN
+ V
IN
+ V
OUT
- V
OUT
NDY
COUT
CIN
- V
IN
+ V
IN
+ V
OUT
- V
OUT
L
OUT
NDY05 POWER DERATING CURVE
4.5
2
3
4
5
Input voltage (V)
1
0
56
7
8
9


Similar Part No. - NDY1205C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NDY1205C MURATA-PS-NDY1205C Datasheet
376Kb / 6P
   Isolated 3W Wide Input DC-DC Converters
2023
More results

Similar Description - NDY1205C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Toppower Electronic Tec...
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
   3W 1KVDC Isolated Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
   Isolated 3W Wide Input Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
   Isolated 3W Wide Input Dual Output DC-DC Converters
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
   3W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
   3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
TP2D TOPPOWER-TP2D Datasheet
568Kb / 3P
   3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com