Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH10S4803iC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NPH10S4803iC
Description  Isolated 10W Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NPH10S4803iC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NPH10S4803iC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NPH10S4803iC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NPH10S4803iC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NPH10S4803iC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NPH10S4803iC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NPH10S4803iC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NPH10S4803iC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NPH10S4803iC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NPH10S Series
Isolated 10W Single Output DC/DC Converters
KDC_NPH10SC.J02 Page 2 of 8
www.murata-ps.com/support
CONTROL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage trimming range1
At rated load, trim control at either output
±10
%
Remote switch input (voltage relative to
input negative)1
For shutdown
-15
0
1.5
V
Operating, open circuit voltage
9
10
11
Start delay
Time from application of valid input voltage to output being in specifi-
cation
25
ms
Synchronisation1
Specified drive signal
320
440
kHz
Switching frequency
330
350
395
kHz
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1500
VDC
Resistance
VISO = 500VDC
1
Capacitance
3.3V and 5V output
50
pF
12V and 15V output
90
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Case temperature
Full load
-40
110
ºC
Storage
Absolute Max. internal temperature
-40
125
Relative humidity
Non condensing 85ºC
85
%
Thermal protection
Operates at case temperature
110
ºC
THERMAL CHARACTERISTICS
Max. power rating with case temperature maintained by external means (e.g. forced air cooling).
Part Number
Case Temperature
Units
100ºC
105ºC
110ºC
NPH20S2403XXX
10
7.0
2.3
W
NPH10S2405XXX
10
8.2
3.0
NPH10S2412XXX
10
9.5
4.0
NPH10S2415XXX
12
9.5
4.0
NPH10S4803XXX
10
7.0
1.0
W
NPH10S4805XXX
10
4.7
1.0
NPH10S4812XXX
12
8.0
0
NPH10S4815XXX
12
7.5
0
THERMAL PERFORMANCE
24V Input
48V Input
1. Optional - where fitted.


Similar Part No. - NPH10S4803iC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NPH10S4803I CANDD-NPH10S4803I Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
More results

Similar Description - NPH10S4803iC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCX10S CANDD-NCX10S Datasheet
837Kb / 5P
   Isolated 10W Single Output DC/DC Converters
NPH10S CANDD-NPH10S Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
logo
Minmax Technology Co., ...
IDS100 MINMAX-IDS100 Datasheet
241Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com