Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP21XW223J03RA Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # NCP21XW223J03RA
Description  NTC Thermistors
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP21XW223J03RA Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button NCP21XW223J03RA Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP21XW223J03RA Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP21XW223J03RA Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP21XW223J03RA Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP21XW223J03RA Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP21XW223J03RA Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP21XW223J03RA Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. NCP21XW223J03RA Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. NCP21XW223J03RA Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
9
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Part Number
Resistance
(25
°C)
(ohm)
B-Constant
(25-50
°C)
(K)
B-Constant
(25-80
°C)
(Reference Value) (K)
B-Constant
(25-85
°C)
(Reference Value) (K)
B-Constant
(25-100
°C)
(Reference Value) (K)
Permissive Operating
Current (25
°C)
(mA)
Rated Electric
Power (25
°C)
(mW)
Typical Dissipation
Constant (25
°C)
(mW/
°C)
Continued from the preceding page.
NCP15WB473D03RC
47k
±0.5% 4050 ±0.5%
4101
4108
4131
0.14
100
1
NCP15WB473F03RC
47k
±1%
4050
±1%
4101
4108
4131
0.14
100
1
NCP15WB473p03RC
47k
4050
±1%
4101
4108
4131
0.14
100
1
NCP15WL473p03RC
47k
4485
±1%
4537
4543
4557
0.14
100
1
NCP15WD683p03RC
68k
4150
±3%
4201
4209
4232
0.12
100
1
NCP15WL683p03RC
68k
4485
±1%
4537
4543
4557
0.12
100
1
NCP15WF104D03RC
100k
±0.5% 4250 ±0.5%
4303
4311
4334
0.10
100
1
NCP15WF104F03RC
100k
±1%
4250
±1%
4303
4311
4334
0.10
100
1
NCP15WF104p03RC
100k
4250
±1%
4303
4311
4334
0.10
100
1
NCP15WL104p03RC
100k
4485
±1%
4537
4543
4557
0.10
100
1
NCP15WL154p03RC
150k
4485
±1%
4537
4543
4557
0.08
100
1
NCP15WM154p03RC
150k
4500
±3%
4571
4582
4614
0.08
100
1
NCP15WM224p03RC
220k
4500
±3%
4571
4582
4614
0.06
100
1
NCP15WM474p03RC
470k
4500
±3%
4571
4582
4614
0.04
100
1
A blank column is filled with resistance tolerance codes (E:
±3%, J: ±5%).
Rated Electric Power is necessary electric power that Thermistor's temperature rises 100
°C by self heating at 25°C in still air.
Operating Temperature Range: -40
°C to +125°C
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R44E.pdf
10.2.22


Similar Part No. - NCP21XW223J03RA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP21XW223J03RA MURATA-NCP21XW223J03RA Datasheet
1Mb / 44P
   NTC Thermistors
NCP21XW223J03RA MURATA-NCP21XW223J03RA Datasheet
206Kb / 3P
   NTC Thermistors
logo
Murata Manufacturing Co...
NCP21XW223J03RA MURATA1-NCP21XW223J03RA Datasheet
457Kb / 3P
   NTC Thermistors
10/24/2022
NCP21XW223J03RA MURATA1-NCP21XW223J03RA Datasheet
501Kb / 3P
   NTC for Temperature Sensor
01/17/2024
logo
Murata Manufacturing Co...
NCP21XW223J03RA MURATA-NCP21XW223J03RA_17 Datasheet
206Kb / 3P
   NTC Thermistors
More results

Similar Description - NCP21XW223J03RA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com