Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH10S2405EiC Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NPH10S2405EiC
Description  Isolated 10W Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NPH10S2405EiC Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NPH10S2405EiC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NPH10S2405EiC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NPH10S2405EiC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NPH10S2405EiC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NPH10S2405EiC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NPH10S2405EiC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NPH10S2405EiC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NPH10S2405EiC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NPH10S Series
Isolated 10W Single Output DC/DC Converters
KDC_NPH10SC.J02 Page 5 of 8
www.murata-ps.com/support
EMC FILTERING AND SPECTRA
FILTERING
The module includes a basic level of filtering, sufficient for many applications. Where lower noise levels are desired, filters can easily be added to achieve any required
noise performance.
A DC/DC converter generates noise in two principle forms: that which is radiated from its body and that conducted on its external connections. There are three separate
modes of conducted noise: input differential, output differential and input-output.
This last appears as common mode at the input and the output, and cannot therefore be removed by filtering at the input or output alone. The first level of filtering is to
connect a capacitor between input and output returns, to reduce this form of noise. It typically contains high harmonics of the switching frequency, which tend to appear
as spikes on surrounding circuits. The voltage rating of this capacitor must match the required isolation voltage. (Due to the great variety in isolation voltage and required
noise performance, this capacitor has not been included within the converter.)
Input ripple is a voltage developed across the internal Input decoupling capacitor. It is therefore measured with a defined supply source impedance. Although simple
series inductance will provide filtering, on its own it can degrade the stability. A shunt capacitor is therefore recommended across the converter input terminals, so that it
is fed from a low impedance.
If no filtering is required, the inductance of long supply wiring could also cause a problem, requiring an input decoupling capacitor for stability. An electrolytic will perform
well in these situations. The input-output filtering is performed by the common-mode choke on the primary. This could be placed on the output, but would then degrade
the regulation and produce less benefit for a given size, cost, and power loss.
Radiated noise is present in magnetic and electrostatic forms. The latter is suppressed by the metal case, which is connected to the output return, typically a zero-volt
point. Thanks to the small size of these units, neither form of noise will be radiated “efficiently”, so will not normally cause a problem. Any question of this kind usually
better repays attention to conducted signals.
EMC FILTER AND VALUES TO OBTAIN SPECTRA AS SHOWN
Component reference
C1
C2
C3
C4
L1
L2
L3
NPH10S2403
10μF 100V
47μF 63V
2.2μF 63V
10μF 25V
MPS 18R333C
33μH 2A
MPS 18R472C
4.7μH 5.35A
NPH10S2405
10μF 100V
47μF 63V
2.2μF 63V
10μF 25V
MPS 18R333C
33μH 2A
MPS 18R103C
10μH 3.45A
NPH10S2412
10μF 100V
Not required
470nF 63V
10μF 25V
MPS 18R333C
33μH 2A
MPS 18R333C
33μH 2.00A
NPH10S2415
10μF 100V
10μF 63V
Not required
10μF 25V
MPS 18R473C
47μH 1.65A
MPS 18R333C
33μH 2.00A
NPH10S4803
10μF 100V
47μF 100V
220nF 100V
10μF 25V
MPS 18R104C
100μH 1.2A
MPS 18R472C
4.7μH 5.35A
NPH10S4805
10μF 100V
47μF 100V
220nF 100V
10μF 25V
MPS 18R104C
100μH 1.2A
MPS 18R103C
10μH 3.45A
NPH10S4812
10μF 100V
Not required
470nF 100V
10μF 25V
MPS 18R104C
100μH 1.2A
MPS 18R333C
33μH 2.00A
NPH10S4815
10μF 100V
Not required
470nF 100V
10μF 25V
MPS 18R104C
100μH 1.2A
MPS 18R333C
33μH 2.00A
C1, C2 & C4 : Electrolytic capacitors
C3 : Polyester or ceramic capacitor
EMC Spectra red limit line is EN 55022 curve B Quasi-peak average limit.


Similar Part No. - NPH10S2405EiC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NPH10S2405EI CANDD-NPH10S2405EI Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
More results

Similar Description - NPH10S2405EiC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCX10S CANDD-NCX10S Datasheet
837Kb / 5P
   Isolated 10W Single Output DC/DC Converters
NPH10S CANDD-NPH10S Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
logo
Minmax Technology Co., ...
IDS100 MINMAX-IDS100 Datasheet
241Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com