Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH10S2405IC Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # NPH10S2405IC
Description  Isolated 10W Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NPH10S2405IC Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

  NPH10S2405IC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NPH10S2405IC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NPH10S Series
Isolated 10W Single Output DC/DC Converters
KDC_NPH10SC.J02 Page 7 of 8
www.murata-ps.com/support
EMC FILTERING AND SPECTRA (continued)
NPH10S4812
NPH10S4815
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 260ºC for 10 seconds. The pin termination finish
on this product series is a Gold flash (0.05-0.10 micron) over Nickel Preplate. The series is backward compatible with Sn/Pb soldering systems.
For further information, please visit www.murata-ps.com/rohs


Similar Part No. - NPH10S2405IC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NPH10S2405I CANDD-NPH10S2405I Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
More results

Similar Description - NPH10S2405IC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCX10S CANDD-NCX10S Datasheet
837Kb / 5P
   Isolated 10W Single Output DC/DC Converters
NPH10S CANDD-NPH10S Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
logo
Minmax Technology Co., ...
IDS100 MINMAX-IDS100 Datasheet
241Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com