Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST2222A Datasheet(PDF) 1 Page - Rohm

Part # SST2222A
Description  NPN Medium Power Transistor (Switching)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SST2222A Datasheet(HTML) 1 Page - Rohm

  SST2222A Datasheet HTML 1Page - Rohm SST2222A Datasheet HTML 2Page - Rohm SST2222A Datasheet HTML 3Page - Rohm SST2222A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UMT2222A / SST2222A / MMST2222A
Transistors
Rev.A
NPN Medium Power Transistor (Switching)
UMT2222A / SST2222A / MMST2222A
Features
1) BVCEO
> 40V (IC=10mA)
2) Complements the UMT2907A / SST2907A
/ MMST2907A.
Package, marking, and packaging specifications
Part No.
UMT2222A
UMT3
R1P
T106
3000
SST2222A
SST3
R1P
T116
3000
MMST2222A
SMT3
R1P
T146
3000
Packaging type
Marking
Code
Basic ordering unit
(pieces)
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Tj
Tstg
Limits
75
40
6
0.6
0.35
150
−55 to +150
Unit
V
V
V
A
W
W
PC
0.2
SST2222A
UMT2222A,SST2222A,
MMST2222A
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
When mounted on a 7 x 5 x 0.6 mm ceramic board
Dimensions (Unit : mm)
ROHM : UMT3
EIAJ : SC-70
(1) Emitter
(2) Base
(3) Collector
ROHM : SST3
(1) Emitter
(2) Base
(3) Collector
ROHM : SMT3
EIAJ : SC-59
(1) Emitter
(2) Base
(3) Collector
UMT2222A
SST2222A
MMST2222A
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
75
40
6
100
100
V
V
V
nA
nA
IC
=10µA
IC
=10mA
IE
=10µA
VCB
= 60V
VEB
= 3V
−−
2
VBE(sat)
0.6
1.2
V
−−
1IC/IB
=500mA/50mA
VCE(sat)
−−
0.3
V
IC/IB
=150mA/15mA
IC/IB
=500mA/50mA
IC/IB
=150mA/15mA
40
−−
50
−−
hFE
75
−−
50
−−
35
−−
VCE
=10V , IC =0.1mA
VCE
=10V , IC =1mA
VCE
=10V , IC =10mA
VCE
=1V , IC =150mA
100
300
VCE
=10V , IC =150mA
VCE
=10V , IC =500mA
fT
Cob
300
8
MHz
pF
VCE
=20V , IC =−20mA, f =100MHz
VCB
=10V , f =100kHz
Cib
−−
25
pF
VEB
=0.5V , f =100kHz
td
−−
10
ns
VCC
=30V , VBE(OFF) =0.5V , IC =150mA , IB1 =15mA
VCC
=30V , VBE(OFF) =0.5V , IC =150mA , IB1 =15mA
tr
−−
25
ns
tstg
−−
225
ns
VCC
=30V , IC =150mA , IB1 =−IB2 =15mA
VCC
=30V , IC =150mA , IB1 =−IB2 =15mA
tf
−−
60
ns
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Base-emitter saturation voltage
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Emitter input capacitance
Delay time
Rise time
Storage time
Fall time
1/3


Similar Part No. - SST2222A

ManufacturerPart #DatasheetDescription
logo
Rohm
SST2222A ROHM-SST2222A Datasheet
79Kb / 3P
   NPN Medium Power Transistor (Switching)
SST2222A ROHM-SST2222A Datasheet
114Kb / 4P
   NPN Medium Power Transistor (Switching)
SST2222A ROHM-SST2222A Datasheet
1Mb / 11P
   NPN Medium Power Transistor
SST2222AHZG ROHM-SST2222AHZG Datasheet
1Mb / 8P
   NPN Medium Power Transistor
More results

Similar Description - SST2222A

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT2222A ROHM-UMT2222A Datasheet
79Kb / 3P
   NPN Medium Power Transistor (Switching)
SST4401 ROHM-SST4401_07 Datasheet
104Kb / 4P
   NPN Medium Power Transistor (Switching)
UMT2222A ROHM-UMT2222A_07 Datasheet
114Kb / 4P
   NPN Medium Power Transistor (Switching)
SST4401 ROHM-SST4401 Datasheet
88Kb / 4P
   NPN Medium Power Transistor (Switching)
logo
Microsemi Corporation
JAN2N697 MICROSEMI-JAN2N697 Datasheet
63Kb / 3P
   NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
logo
STMicroelectronics
STL71 STMICROELECTRONICS-STL71 Datasheet
141Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULD116D STMICROELECTRONICS-BULD116D Datasheet
213Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Seme LAB
2N2222A SEME-LAB-2N2222A Datasheet
14Kb / 2P
   HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
BUL3N7 STMICROELECTRONICS-BUL3N7 Datasheet
199Kb / 10P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL116 STMICROELECTRONICS-BUL116 Datasheet
218Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com