Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLE13BC8T Datasheet(PDF) 1 Page - Rohm

Part # SMLE13BC8T
Description  SML-E1 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLE13BC8T Datasheet(HTML) 1 Page - Rohm

  SMLE13BC8T Datasheet HTML 1Page - Rohm SMLE13BC8T Datasheet HTML 2Page - Rohm SMLE13BC8T Datasheet HTML 3Page - Rohm SMLE13BC8T Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1.6
0.8
Terminal
1.2
Cathode mark
0.8
0.85
0.8
*1:Duty1/5, 200Hz / *2:Duty1/10, 1kHz *3:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V)
IF(mA)
Max.
(μA)
VR(V)
Min.*
3
(nm)
Typ.
(nm)
Max.*
3
(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd)
IF(mA)
SML-E12V8W
AIGaInP
on GaAs
Red
54
20
100*
2
5
-40 to +85
-40 to +100
2.2
20
10
4
625
630
635
20
16
40
20
SML-E12UW
62
25
60*
1
4
-30 to +85
-40 to +85
2.1
619
624
629
36
100
SML-E12U8W
54
20
100*
2
5
-40 to +85
-40 to +100
2.2
615
620
625
25
63
SML-E12DW
Orange
62
25
60*
1
4
-30 to +85
-40 to +85
1.9
603.5 606.5 609.5
56
200
SML-E12D8W
54
20
100*
2
5
-40 to +85
-40 to +100
2.2
602
605
608
40
100
SML-E12Y8W
Yellow
587
590
593
25
63
SML-E12M8W
Yellowish
Green
569
572
575
10
25
SML-E12P8W
Green
557
560
563
2.5
6.3
SMLE13EC8T
InGaN
Bluish
Green
68
3.0
5
5
520
527
535
5
56
120
5
SMLE12EC6T
-30 to +85
36
85
SMLE13BC8T
Blue
66
-40 to +85
2.9
465
470
475
14
40
SMLE12BC7T
-30 to +85
464
476
9
22
Color
Type
V
U
D
Y
M
P
E
B
SML-E1 Series
Features
・EXCELEDTM series
・Compact, Thin size (1.6×0.8mm, t=0.36mm)
・LED die consists of 4 elements
・Original device technology enables high brightness and high
reliability
1608(0603)
1.6×0.8mm(t=0.36mm)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
X - Y
X' - Y'
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT (deg)
X’ - Y’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
X - Y
SML-E12 Series / SML-E12χ8 Series
SMLE12 series / SMLE13 series
Tolerance : ±0.1
(unit : mm)
SML-E12χ8 series
SML-E12 series
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
(unit : mm)
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
EXCELED
TM is ROHM's pending tradmark.
SMLE12EC6T/BC7T
SMLE13BC8T
1/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.12 - Rev.C


Similar Part No. - SMLE13BC8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLE13BC8T ROHM-SMLE13BC8T Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SMLE13BC8T ROHM-SMLE13BC8T Datasheet
578Kb / 13P
   Original device technology enables high brightness
SMLE13BC8T ROHM-SMLE13BC8T Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SMLE13BC8TT86 ROHM-SMLE13BC8TT86 Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com