Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR-332YC Datasheet(PDF) 1 Page - Rohm

Part # SLR-332YC
Description  SLR-332 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-332YC Datasheet(HTML) 1 Page - Rohm

  SLR-332YC Datasheet HTML 1Page - Rohm SLR-332YC Datasheet HTML 2Page - Rohm SLR-332YC Datasheet HTML 3Page - Rohm SLR-332YC Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
(2.5)
□0.4
Cathode
φ3.2
φ4.0
2.5 or 5.0
2.0
1.0 ±0.1
Tolerance : ±0.2
(unit : mm)
(unit : mm)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Viewing angle 2θ 1/2 /
85 : Standard
*:Duty1/5, 200Hz
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(μA) V
R
(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
SLR-332VC
GaAsP
on GaP
Red
60
20
60
3
-25 to +85
-30 to +100
2.0
10
10
3
630
10
3.6
10
10
SLR-332DC
Orange
605
5.6
16
SLR-332YC
Yellow
2.1
587
3.6
10
SLR-332MC
GaP
Yellowish
Green
75
25
572
5.6
16
SLR-332VR
GaAsP
on GaP
Red
60
20
2.0
630
3.6
10
SLR-332DU
Orange
605
SLR-332YY
Yellow
2.1
587
2.2
6.3
SLR-332MG
GaP
Yellowish
Green
75
25
572
5.6
16
Directivity (deg)
RELATIVE INTENSITY (%)
Diffused
Clear
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
1/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A
Features
・Viewing angle 2θ 1/2 : 85°
Color
Type
V
D
Y
M
SLR-332 Series


Similar Part No. - SLR-332YC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-332YC ROHM-SLR-332YC Datasheet
158Kb / 3P
   3.2(T-1) Circular Type Standard Type (Viewing Angle 21/2 : 85)
SLR-332YC ROHM-SLR-332YC Datasheet
868Kb / 4P
   Viewing angle 2 1/2 85
More results

Similar Description - SLR-332YC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR343ECT3F ROHM-SLR343ECT3F Datasheet
176Kb / 5P
   SLR-343 Series
SLR343BC7TT32 ROHM-SLR343BC7TT32 Datasheet
164Kb / 5P
   SLR-343 Series
logo
ELESTA GmbH
SLR4 ELESTA-SLR4 Datasheet
254Kb / 1P
   SLR 4 Series
logo
Rohm
SLR-342VR3F ROHM-SLR-342VR3F Datasheet
878Kb / 4P
   SLR-342 Series
logo
Varitronix internationa...
VIM-332 VARITRONIX-VIM-332 Datasheet
27Kb / 1P
   VIM-332
logo
Rohm
SLR-56VR3F ROHM-SLR-56VR3F Datasheet
899Kb / 4P
   SLR-56 Series
logo
PHOENIX CONTACT
2861810 PHOENIX-2861810 Datasheet
96Kb / 5P
   CPU - IB IL 332-256-PAC
logo
Littelfuse
03221.25HXP LITTELFUSE-03221.25HXP Datasheet
192Kb / 4P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
322 LITTELFUSE-322 Datasheet
1Mb / 3P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
logo
Emerson Network Power
BXB75 EMERSON-NETWORKPOWER-BXB75 Datasheet
240Kb / 4P
   Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com