Electronic Components Datasheet Search |
|
HCPL-0453 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-0453 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED |
11 / 14 page 11 Package Characteristics Parameter Sym. Device Min. Typ.* Max. Units Test Conditions Fig. Note Input-Output VISO 3750 V rms RH < 50%, 3, 10 Momentary With- t = 1 min., stand Voltage** Resistance RI-O 1012 : RH ≤45% 3 (Input-Output) VI-O = 500 Vdc, t = 5 s Capacitance CI-O 0.6 pF f = 1 MHz, 12 (Input-Output) TA = 25°C Input-Input II-I 0.005 PA RH ≤45%, 4 Insulation t = 5 s, Leakage Current VI-I = 500 Vdc Resistance RI-I 1011 : 4 (Input-Input) Capacitance CI-I HCPL-2530/ 0.03 pF f = 1 MHz 4 (Input-Input) 2531/4534 HCPL-0530/ 0.25 0531/0534 *All typicals at TA = 25°C. **The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your equipment level safety specification or Avago Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage,” publication number 5963-2203E. HCPL-2530/2531 /4534 Option 020 3, 11 5000 Switching Specifications (AC) Over recommended temperature (TA = 0°C to 70°C), VCC = 5 V, IF = 16 mA unless otherwise specified. Device Parameter Sym. HCPL- Min. Typ.* Max. Units Test Conditions Fig. Note Propagation tPHL 2530/0530 0.2 1.5 Ps TA = 25°C RL = 4.1 k : 5, 9, 6, 7 Delay Time 2.0 11 to Logic Low 2531/0531/ 0.2 0.8 TA = 25°C RL = 1.9 k : at Output 4534/0534 1.0 Propagation tPLH 2530/0530 1.3 1.5 Ps TA = 25°C RL = 4.1 k : 5, 9, 6, 7 Delay Time 2.0 11 High to Logic 2531/0531/ 0.6 0.8 TA = 25°C RL = 1.9 k : at Output 4534/0534 1.0 Common |CMH| 2530/0530 1 10 kV/ Ps RL = 4.1 k: IF = 0 mA, 10 5, 6, Mode Transient 2531/0531 1 10 RL = 1.9 k : TA = 25°C, 7 Immunity at 4534/0534 15 30 RL = 1.9 k : VCM = 10 Vp-p Logic High Level Output Common |CML| 2530/0530 1 10 kV/ Ps RL = 4.1 k: IF = 0 mA, 10 5, 6, Mode Transient 2531/0531 1 10 RL = 1.9 k : TA = 25°C, 7 Immunity at 4534/0534 15 30 RL = 1.9 k : VCM = 10 Vp-p Logic Low Level Output Bandwidth BW 3 MHz RL = 100 k : 7, 8 *All typicals at TA = 25°C. |
Similar Part No. - HCPL-0453 |
|
Similar Description - HCPL-0453 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |