Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2530 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2530
Description  Dual Channel, High Speed Optocouplers High density packaging
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2530 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2530 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Package Characteristics
Parameter
Sym.
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input-Output
VISO
3750
V rms
RH < 50%,
3, 10
Momentary With-
t = 1 min.,
stand Voltage**
Resistance
RI-O
1012
:
RH ≤45%
3
(Input-Output)
VI-O = 500 Vdc,
t = 5 s
Capacitance
CI-O
0.6
pF
f = 1 MHz,
12
(Input-Output)
TA = 25°C
Input-Input
II-I
0.005
PA
RH ≤45%,
4
Insulation
t = 5 s,
Leakage Current
VI-I = 500 Vdc
Resistance
RI-I
1011
:
4
(Input-Input)
Capacitance
CI-I
HCPL-2530/
0.03
pF
f = 1 MHz
4
(Input-Input)
2531/4534
HCPL-0530/
0.25
0531/0534
*All typicals at TA = 25°C.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage
rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your equipment level
safety specification or Avago Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage,” publication number 5963-2203E.
HCPL-2530/2531
/4534 Option 020
3, 11
5000
Switching Specifications (AC)
Over recommended temperature (TA = 0°C to 70°C), VCC = 5 V, IF = 16 mA unless otherwise specified.
Device
Parameter
Sym.
HCPL-
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation
tPHL
2530/0530
0.2
1.5
Ps
TA = 25°C
RL = 4.1 k
:
5, 9,
6, 7
Delay Time
2.0
11
to Logic Low
2531/0531/
0.2
0.8
TA = 25°C
RL = 1.9 k
:
at Output
4534/0534
1.0
Propagation
tPLH
2530/0530
1.3
1.5
Ps
TA = 25°C
RL = 4.1 k
:
5, 9,
6, 7
Delay Time
2.0
11
High to Logic
2531/0531/
0.6
0.8
TA = 25°C
RL = 1.9 k
:
at Output
4534/0534
1.0
Common
|CMH|
2530/0530
1
10
kV/
Ps RL = 4.1 k:
IF = 0 mA,
10
5, 6,
Mode Transient
2531/0531
1
10
RL = 1.9 k
:
TA = 25°C,
7
Immunity at
4534/0534
15
30
RL = 1.9 k
:
VCM = 10 Vp-p
Logic High
Level Output
Common
|CML|
2530/0530
1
10
kV/
Ps RL = 4.1 k:
IF = 0 mA,
10
5, 6,
Mode Transient
2531/0531
1
10
RL = 1.9 k
:
TA = 25°C,
7
Immunity at
4534/0534
15
30
RL = 1.9 k
:
VCM = 10 Vp-p
Logic Low
Level Output
Bandwidth
BW
3
MHz
RL = 100 k
:
7, 8
*All typicals at TA = 25°C.


Similar Part No. - HCPL-2530

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2530 QT-HCPL-2530 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-2530 FAIRCHILD-HCPL-2530 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2530 HP-HCPL-2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-2530 FAIRCHILD-HCPL-2530 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2530 FAIRCHILD-HCPL-2530 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results

Similar Description - HCPL-2530

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
752161102G CTS-752161102G Datasheet
233Kb / 4P
   High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
   High Density Packaging
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com