Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-060L Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-060L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-060L Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-060L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Description
The HCPL-260L/060L/263L/063L are optically coupled
gates that combine a GaAsP light emitting diode and
an integrated high gain photo detector. An enable in-
put allows the detector to be strobed. The output of
the detector IC is an open collector Schottky-clamped
transistor. The internal shield provides a guaranteed
common mode transient immunity specification of
15 kV/µs at 3.3V.
This unique design provides maximum AC and DC circuit
isolation while achieving LVTTL/LVCMOS compati-bili-
ty. The optocoupler AC and DC operational parameters
are guaranteed from –40
°C to +85°C allowing trouble-
free system performance.
These optocouplers are suitable for high speed logic
interfacing, input/output buffering, as line receivers in
environments that conventional line receivers cannot
tolerate and are recommended for use in extremely high
ground or induced noise environments.
Functional Diagram
HCPL-260L/060L/263L/063L
High Speed LVTTL Compatible 3.3 Volt Optocouplers
Data Sheet
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
1
2
3
4
8
7
6
5
CATHODE
ANODE
GND
V
VCC
O
1
2
3
4
8
7
6
5
ANODE 2
CATHODE 2
CATHODE 1
ANODE 1
GND
V
VCC
O2
VE
VO1
HCPL-260L/060L
HCPL-263L/063L
NC
NC
LED
ON
OFF
ON
OFF
ON
OFF
ENABLE
H
H
L
L
NC
NC
OUTPUT
L
H
H
H
L
H
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H
TRUTH TABLE
(POSITIVE LOGIC)
SHIELD
SHIELD
A 0.1 µF bypass capacitor must be
connected between pins 5 and 8.
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Features
• 3.3V/5V Dual Supply Voltages
• Low power consumption
• 15 kV/µs minimum Common Mode Rejection (CMR) at
VCM = 1000 V
• High speed: 15 MBd typical
• LVTTL/LVCMOS compatible
• Low input current capability: 5 mA
• Guaranteed AC and DC performance over tempera-
ture: –40
°C to +85°C
• Available in 8-pin DIP, SOIC-8
• Strobable output (single channel products only)
• Safety approvals: UL, CSA, IEC/EN/DIN EN 60747-5-5
Applications
• Isolated line receiver
• Computer-peripheral interfaces
• Microprocessor system interfaces
• Digital isolation for A/D, D/A conversion
• Switching power supply
• Instrument input/output isolation
• Ground loop elimination
• Pulse transformer replacement
• Field buses


Similar Part No. - HCPL-060L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-060L HP-HCPL-060L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L AVAGO-HCPL-060L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L AVAGO-HCPL-060L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L AVAGO-HCPL-060L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results

Similar Description - HCPL-060L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500E AVAGO-ACPL-W60L-500E Datasheet
292Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com