Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-54143-BLKG Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-54143-BLKG
Description  Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-54143-BLKG Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-54143-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-54143-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-54143-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-54143-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-54143-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-54143-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-54143-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-54143-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-54143-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
ATF-54143 Typical Scattering Parameters, VDS = 3V, IDS = 40 mA
Freq.
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
dB
0.1
0.99
-17.6
27.99
25.09
168.5
0.009
80.2
0.59
-12.8
34.45
0.5
0.83
-76.9
25.47
18.77
130.1
0.036
52.4
0.44
-54.6
27.17
0.9
0.72
-114
22.52
13.37
108
0.047
40.4
0.33
-78.7
24.54
1.0
0.70
-120.6
21.86
12.39
103.9
0.049
38.7
0.31
-83.2
24.03
1.5
0.65
-146.5
19.09
9.01
87.4
0.057
33.3
0.24
-99.5
21.99
1.9
0.63
-162.1
17.38
7.40
76.6
0.063
30.4
0.20
-108.6
20.70
2.0
0.62
-165.6
17.00
7.08
74.2
0.065
29.8
0.19
-110.9
20.37
2.5
0.61
178.5
15.33
5.84
62.6
0.072
26.6
0.15
-122.6
19.09
3.0
0.61
164.2
13.91
4.96
51.5
0.080
22.9
0.12
-137.5
17.92
4.0
0.63
138.4
11.59
3.80
31
0.094
14
0.10
176.5
15.33
5.0
0.66
116.5
9.65
3.04
11.6
0.106
4.2
0.14
138.4
12.99
6.0
0.69
97.9
8.01
2.51
-6.7
0.118
-6.1
0.17
117.6
11.50
7.0
0.71
80.8
6.64
2.15
-24.5
0.128
-17.6
0.20
98.6
10.24
8.0
0.72
62.6
5.38
1.86
-42.5
0.134
-29.3
0.22
73.4
8.83
9.0
0.76
45.2
4.20
1.62
-60.8
0.145
-40.6
0.27
52.8
8.17
10.0
0.83
28.2
2.84
1.39
-79.8
0.150
-56.1
0.37
38.3
8.57
11.0
0.85
13.9
1.42
1.18
-96.9
0.149
-69.3
0.45
25.8
7.47
12.0
0.88
-0.5
0.23
1.03
-112.4
0.150
-81.6
0.51
12.7
7.50
13.0
0.89
-15.1
-0.86
0.91
-129.7
0.149
-95.7
0.54
-4.1
6.60
14.0
0.87
-31.6
-2.18
0.78
-148
0.143
-110.3
0.61
-20.1
4.57
15.0
0.88
-46.1
-3.85
0.64
-164.8
0.132
-124
0.65
-34.9
3.47
16.0
0.87
-54.8
-5.61
0.52
-178.4
0.121
-134.6
0.70
-45.6
2.04
17.0
0.87
-62.8
-7.09
0.44
170.1
0.116
-144.1
0.73
-55.9
1.05
18.0
0.92
-73.6
-8.34
0.38
156.1
0.109
-157.4
0.76
-68.7
1.90
Freq
Fmin
Γopt
Γopt
Rn/50
Ga
GHz
dB
Mag.
Ang.
dB
0.5
0.17
0.34
34.80
0.04
27.83
0.9
0.22
0.32
53.00
0.04
23.57
1.0
0.24
0.32
60.50
0.04
22.93
1.9
0.42
0.29
108.10
0.04
18.35
2.0
0.45
0.29
111.10
0.04
17.91
2.4
0.51
0.30
136.00
0.04
16.39
3.0
0.59
0.32
169.90
0.05
15.40
3.9
0.69
0.34
-151.60
0.05
13.26
5.0
0.90
0.45
-119.50
0.09
11.89
5.8
1.14
0.50
-101.60
0.16
10.95
6.0
1.17
0.52
-99.60
0.18
10.64
7.0
1.24
0.58
-79.50
0.33
9.61
8.0
1.57
0.60
-57.90
0.56
8.36
9.0
1.64
0.69
-39.70
0.87
7.77
10.0
1.8
0.80
-22.20
1.34
7.68
Notes:
1. Fmin values at 2 GHz and higher are based on measurements while the Fmins below 2 GHz have been extrapolated. The Fmin values are based
on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measurements a true
Fmin is calculated. Refer to the noise parameter application section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of
the gate lead. The output reference plane is at the end of the drain lead. The parameters include the effect of four plated through via holes con-
necting source landing pads on top of the test carrier to the microstrip ground plane on the bottom side of the carrier. Two 0.020 inch diameter
via holes are placed within 0.010 inch from each source lead contact point, one via on each side of that point.
Typical Noise Parameters, VDS = 3V, IDS = 40 mA
Figure 19. MSG/MAG and |S21|
2 vs.
Frequency at 3V, 40 mA.
MAG
S21
FREQUENCY (GHz)
020
10
515
40
35
30
25
20
15
10
5
0
-5
10
-15
MSG


Similar Part No. - ATF-54143-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-54143-BLK HP-ATF-54143-BLK Datasheet
154Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
More results

Similar Description - ATF-54143-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF54143 HP-ATF54143 Datasheet
154Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-55143-TR1G AVAGO-ATF-55143-TR1G Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
DEMO-ATF-5X143 BOARDCOM-DEMO-ATF-5X143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF-58143 HP-ATF-58143 Datasheet
149Kb / 10P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143-TR1G AVAGO-ATF-34143-TR1G Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-34143 BOARDCOM-ATF-34143 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com