Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-064L Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-064L
Description  Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-064L Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-064L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-064L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-064L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-064L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-064L Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-064L Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-064L Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-064L Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-064L Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Optocoupler CMR Performance
The principal protection against common mode noise,
comes from the fundamental isolation properties of the
optocoupler, and this in turn is directly related to the
Input-Output leakage capacitance of the optocoupler.
To provide maximum protection to circuitry connected to
the input or output of the optocoupler the leakage capac-
itance is minimized by having large separation distances
at all points in the optocoupler construction, including
the LED/photodiode interface.
In addition to the optocouplers basic physical construc-
tion, additional circuit design steps mitigate the effects of
common mode noise. The most important of these is the
Faraday shield on the photodetector stage.
A Faraday shield is effective in optocouplers because
the internal modulation frequency (light) is many orders
of magnitude higher than the common mode noise
frequency.
Improving CMR Performance at the Application Level
In an end application it desirable that the optocouplers
common mode isolation be as close as possible to that
indicated in the data sheet specifications. The first step
in meeting this goal is to ensure maximum separation
between PCB interconnects on either side of the opto-
coupler is maintained and that PCB tracks beneath the
optocoupler are avoided.
It is inevitable that a certain amount of CMR noise will be
coupled into the inputs and this can potentially result in
false-triggering of the input. This problem is frequently
observed in devices with input high input impedance.
In some cases this can cause momentary missing pulses
and may even cause input circuitry to latch-up in some
alternate technologies.
The ACPL-x6xL optocoupler family does not have an input
latch-up issue. Even at very high CMR levels such as those
experienced in end equipment level tests (for example
IEC61000-4-4) the ACPL-x6xL series is immune to latch-up
because of the simple diode structure of the LED.
In some cases achieving the rated data sheet CMR per-
formance level is not possible in an application. This is
often because of the practical need to actually connect
the isolator input to the output of a dynamically changing
signal rather than tying the input statically to VDD or GND.
A data sheet CMR “specmanship” issue is often seen with
alternative technology isolators that are based on AC
encoding techniques.
To address the need to define achievable end application
performance on data sheets, the ACPL-x6xL optocouplers
include an additional typical performance specification
for dynamic CMR in the electrical parameter table. The
dynamic CMR specification indicates the typical achiev-
able CMR performance as the input is being toggled on or
off during a CMR transient.
The logic output the ACPL-x6xL optocouplers is mainly
controlled by LED current level, and since the LED current
features very fast rise and fall times, dynamic noise
immunity is essentially the same as static noise immunity.
Despite their immunity to input latch-up and the
excellent dynamic CMR immunity, ACPL-x6xL opto-
coupler devices are still potentially vulnerable to miss-
operation caused by the LED being turned either on
or off during a CMR disturbance. If the LED status could
be ensured by design, the overall application level CMR
performance would be that of the photodetector. To
benefit from the inherently high CMR capabilities of the
ACPL-x6xL family, some simple steps about operating the
LED at the application level should be taken.
In particular, ensure that the LED stays either on or off
during a CMR transient. Some common design techniques
to accomplish this are:
Keep the LED On:
i) Overdrive the LED with a higher than required forward
current.
Keep the LED Off:
i) Reverse bias the LED during the off state.
ii) Minimize the off-state impedance across the anode
and cathode of the LED during the off state.
All these methods allow the full CMR capability of the
ACPL-x6xL family to be achieved, but they do have
practical implementation issues or require a compromise
on power consumption.
There is, however, an effective method to meet the goal
of maintaining the LED status during a CMR event with
no other design compromises other than adding a single
resistor.
This CMR optimization takes advantage of the differential
connection to the LED. By ensuring the common mode
impedances at both the cathode and anode of the LED
are equal, the CMR transient on the LED is effectively
canceled. As shown in Figure 11, this is easily achieved by
using two, instead of one, input bias resistors.


Similar Part No. - ACPL-064L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-064L AVAGO-ACPL-064L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-064L-000E AVAGO-ACPL-064L-000E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-060E AVAGO-ACPL-064L-060E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-500E AVAGO-ACPL-064L-500E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results

Similar Description - ACPL-064L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-560E AVAGO-ACPL-064L-560E Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-M61L-000E AVAGO-ACPL-M61L-000E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
6N139 AVAGO-6N139 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com