Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM31256-GTR Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # FM31256-GTR
Description  Integrated Processor Companion with Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM31256-GTR Datasheet(HTML) 5 Page - Cypress Semiconductor

  FM31256-GTR Datasheet HTML 1Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 2Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 3Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 4Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 5Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 6Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 7Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 8Page - Cypress Semiconductor FM31256-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
FM31256/3164 Processor Companion
Document Number: 001-86391 Rev. *B
Page 5 of 27
The watchdog timer can also be used to assert the
reset signal (/RST). The watchdog is a free running
programmable timer. The period can be software
programmed from 100 ms to 3 seconds in 100 ms
increments via a 5-bit nonvolatile register. All
programmed settings are minimum values and vary
with
temperature
according
to
the
operating
specifications. The watchdog has two additional
controls associated with its operation, a watchdog
enable bit (WDE) and timer restart bits (WR). Both
the enable bit must be set and the watchdog must
timeout in order to drive /RST active. If a reset event
occurs, the timer will automatically restart on the
rising edge of the reset pulse. If WDE=0, the
watchdog timer runs but a watchdog fault will not
cause /RST to be asserted low. The WTR flag will be
set, indicating a watchdog fault. This setting is useful
during software development and the developer does
not want /RST to drive. Note that setting the
maximum timeout setting (11111b) disables the
counter to save power. The second control is a nibble
that restarts the timer preventing a reset. The timer
should be restarted after changing the timeout value.
The watchdog timeout value is located in register
0Ah, bits 4-0, and the watchdog enable is bit 7. The
watchdog is restarted by writing the pattern 1010b to
the lower nibble of register 09h. Writing this pattern
will also cause the timer to load new timeout values.
Writing other patterns to this address will not affect
its operation. Note the watchdog timer is free-
running. Prior to enabling it, users should restart the
timer as described above. This assures that the full
timeout period will be set immediately after enabling.
The watchdog is disabled when VDD is below VTP.
The following table summarizes the watchdog bits. A
block diagram follows.
Watchdog timeout
WDT4-0
0Ah, bits 4-0
Watchdog enable
WDE
0Ah, bit 7
Watchdog restart
WR3-0
09h, bits 3-0
Figure 3. Watchdog Timer
Manual Reset
The /RST pin is bi-directional and allows the
FM31xx to filter and de-bounce a manual reset
switch. The /RST input detects an external low
condition and responds by driving the /RST signal
low for 100 ms.
Figure 4. Manual Reset
Note that an internal weak pull-up on /RST
eliminates
the
need
for
additional
external
components.
Reset Flags
In case of a reset condition, a flag will be set to
indicate the source of the reset. A low VDD reset is
indicated by the POR flag, register 09h bit 6. A
watchdog reset is indicated by the WTR flag, register
09h bit 7. Note that the flags are internally set in
response to reset sources, but they must be cleared by
the user. When the register is read, it is possible that
both flags are set if both have occurred since the user
last cleared them.
Early Power Fail Comparator
An early power fail warning can be provided to the
processor well before VDD drops out of spec. The
comparator is used to create a power fail interrupt
(NMI). This can be accomplished by connecting the
PFI pin to the unregulated power supply via a resistor
divider. An application circuit is shown below.
Figure 5. Comparator as Early Power-Fail Warning
The voltage on the PFI input pin is compared to an
onboard 1.2V reference. When the PFI input voltage
drops below this threshold, the comparator will drive
the CAL/PFO pin to a low state. The comparator has
100 mV (max) of hysteresis to reduce noise
sensitivity, only for a rising PFI signal. For a falling
PFI edge, there is no hysteresis.
+
-
1.2V ref
Regulator
VDD
FM31xx
To MCU
NMI input
CAL/PFO
PFI
FM31xx
Reset
Switch
RST
MCU
Switch
Behavior
RST
FM31xx
drives
100 ms (min.)
Timebase
Counter
Watchdog
timeout
100 ms
clock
WDE
/RST
WR3-0 = 1010b to restart


Similar Part No. - FM31256-GTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31256-G RAMTRON-FM31256-G Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results

Similar Description - FM31256-GTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com