Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6030B107CMRR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TWL6030B107CMRR
Description  Fully Integrated Power Management with Switch Mode Charger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL6030B107CMRR Datasheet(HTML) 5 Page - Texas Instruments

  TWL6030B107CMRR Datasheet HTML 1Page - Texas Instruments TWL6030B107CMRR Datasheet HTML 2Page - Texas Instruments TWL6030B107CMRR Datasheet HTML 3Page - Texas Instruments TWL6030B107CMRR Datasheet HTML 4Page - Texas Instruments TWL6030B107CMRR Datasheet HTML 5Page - Texas Instruments TWL6030B107CMRR Datasheet HTML 6Page - Texas Instruments TWL6030B107CMRR Datasheet HTML 7Page - Texas Instruments TWL6030B107CMRR Datasheet HTML 8Page - Texas Instruments TWL6030B107CMRR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Jun-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TWL6030B107CMR
ACTIVE
FCBGA
CMR
187
260
Green (RoHS
& no Sb/Br)
Call TI
Level-3-260C-168 HR
-40 to 85
6030B107
TWL6030B107CMRR
ACTIVE
FCBGA
CMR
187
2500
Green (RoHS
& no Sb/Br)
Call TI
Level-3-260C-168 HR
-40 to 85
6030B107
TWL6030B1A0CMR
ACTIVE
FCBGA
CMR
187
260
TBD
Call TI
Call TI
6030B1A0
TWL6030B1A0CMRR
ACTIVE
FCBGA
CMR
187
2500
Green (RoHS
& no Sb/Br)
Call TI
Level-3-260C-168 HR
6030B1A0
TWL6030B1A4CMR
ACTIVE
FCBGA
CMR
187
260
Green (RoHS
& no Sb/Br)
Call TI
Level-3-260C-168 HR
-40 to 85
6030B1A4
TWL6030B1A4CMRR
ACTIVE
FCBGA
CMR
187
2500
Green (RoHS
& no Sb/Br)
Call TI
Level-3-260C-168 HR
-40 to 85
6030B1A4
TWL6030B1AACMR
ACTIVE
FCBGA
CMR
187
260
TBD
Call TI
Call TI
6030B1AA
TWL6030B1AACMRR
ACTIVE
FCBGA
CMR
187
2500
TBD
Call TI
Call TI
6030B1AA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Similar Part No. - TWL6030B107CMRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6030B107CMRR TI1-TWL6030B107CMRR Datasheet
943Kb / 97P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030B107CMRR TI-TWL6030B107CMRR Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
More results

Similar Description - TWL6030B107CMRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6030 TI-TWL6030 Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI1-TWL6030 Datasheet
943Kb / 97P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
TWL6032 TI1-TWL6032_16 Datasheet
725Kb / 11P
[Old version datasheet]   TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
BQ24185 TI-BQ24185 Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24158 TI-BQ24158_12 Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24153A TI-BQ24153A Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24157 TI-BQ24157 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com