Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73725DCQ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73725DCQ
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73725DCQ Datasheet(HTML) 4 Page - Texas Instruments

  TPS73725DCQ Datasheet HTML 1Page - Texas Instruments TPS73725DCQ Datasheet HTML 2Page - Texas Instruments TPS73725DCQ Datasheet HTML 3Page - Texas Instruments TPS73725DCQ Datasheet HTML 4Page - Texas Instruments TPS73725DCQ Datasheet HTML 5Page - Texas Instruments TPS73725DCQ Datasheet HTML 6Page - Texas Instruments TPS73725DCQ Datasheet HTML 7Page - Texas Instruments TPS73725DCQ Datasheet HTML 8Page - Texas Instruments TPS73725DCQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS737xx
SBVS067O – JANUARY 2006 – REVISED JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 1.0V
(1), I
OUT = 10mA, VEN = 2.2V, and
COUT = 2.2μF, unless otherwise noted. Typical values are at TJ = +25°C.
TPS737xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)(2)
2.2
5.5
V
Internal reference
TJ = +25°C
1.198
1.2
1.210
(DCQ package)
VFB
V
Internal reference
TJ = +25°C
1.192
1.2
1.216
(DRB and DRV packages)
Output voltage range
VFB
5.5 – VDO
V
(TPS73701)(3)
Nominal
TJ = +25°C
–1.0
+1.0
5.36V < VIN < 5.5V, VOUT = 5.08V,
VOUT
Accuracy(1) ,
10mA < IOUT < 800mA,
–2.0
+2.0
%
(4)
–40C < TJ < +85°C, TPS73701DCQ
over VIN, IOUT,
VOUT + 0.5V ≤ VIN ≤ 5.5V;
–3.0
±0.5
+3.0
and T
10mA
≤ IOUT ≤ 1A
ΔVOUT%/ΔVIN
Line regulation(1)
VOUT(nom) + 0.5V ≤ VIN ≤ 5.5V
0.01
%/V
1mA
≤ IOUT ≤ 1A
0.002
ΔVOUT%/ΔIOUT
Load regulation
%/mA
10mA
≤ IOUT ≤ 1A
0.0005
Dropout voltage(5)
VDO
IOUT = 1A
130
500
mV
(VIN = VOUT(nom) – 0.1V)
ZO(DO)
Output impedance in dropout
2.2V
≤ VIN ≤ VOUT + VDO
0.25
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
1.05
1.6
2.2
A
ISC
Short-circuit current
VOUT = 0V
450
mA
IREV
Reverse leakage current(6) (–IIN)
VEN ≤ 0.5V, 0V ≤ VIN ≤ VOUT
0.1
μA
IOUT = 10mA (IQ)
400
IGND
GND pin current
μA
IOUT = 1A
1300
ISHDN
Shutdown current (IGND)
VEN ≤ 0.5V, VOUT ≤ VIN ≤ 5.5
20
nA
IFB
FB pin current (TPS73701)
0.1
0.6
μA
f = 100Hz, IOUT = 1A
58
Power-supply rejection ratio
PSRR
dB
(ripple rejection)
f = 10kHz, IOUT = 1A
37
Output noise voltage
VN
COUT = 10μF
27 × VOUT
μVRMS
BW = 10Hz to 100kHz
tSTR
Startup time
VOUT = 3V, RL = 30Ω, COUT = 1μF
600
μs
VEN(HI)
EN pin high (enabled)
1.7
VIN
V
VEN(LO)
EN pin low (shutdown)
0
0.5
V
IEN(HI)
EN pin current (enabled)
VEN = 5.5V
20
nA
Shutdown, temperature increasing
+160
TSD
Thermal shutdown temperature
°C
Reset, temperature decreasing
+140
TJ
Operating junction temperature
–40
+125
°C
(1)
Minimum VIN = VOUT + VDO or 2.2V, whichever is greater.
(2)
For VOUT(nom) < 1.6V, when VIN ≤ 1.6V, the output will lock to VIN and may result in an over-voltage condition on the output. To avoid this
situation, disable the device before powering down VIN.
(3)
TPS73701 is tested at VOUT = 1.2V.
(4)
Tolerance of external resistors not included in this specification.
(5)
VDO is not measured for fixed output versions with VOUT(nom) < 2.3V since minimum VIN = 2.2V.
(6)
Fixed-voltage versions only; refer to the Applications section for more information.
4
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated


Similar Part No. - TPS73725DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73725DCQ TI-TPS73725DCQ Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73725DCQ TI-TPS73725DCQ Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73725DCQ TI1-TPS73725DCQ Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73725DCQ TI-TPS73725DCQ Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73725DCQ TI1-TPS73725DCQ Datasheet
3Mb / 49P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
More results

Similar Description - TPS73725DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com