Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS76601 Datasheet(PDF) 1 Page - Texas Instruments

Part No. TPS76601
Description  ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76601 Datasheet(HTML) 1 Page - Texas Instruments

  TPS76601_13 Datasheet HTML 1Page - Texas Instruments TPS76601_13 Datasheet HTML 2Page - Texas Instruments TPS76601_13 Datasheet HTML 3Page - Texas Instruments TPS76601_13 Datasheet HTML 4Page - Texas Instruments TPS76601_13 Datasheet HTML 5Page - Texas Instruments TPS76601_13 Datasheet HTML 6Page - Texas Instruments TPS76601_13 Datasheet HTML 7Page - Texas Instruments TPS76601_13 Datasheet HTML 8Page - Texas Instruments TPS76601_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
DESCRIPTION
TPS76615
,, TPS76618,, TPS76625
TPS76627, TPS76628, TPS76630
TPS76633, TPS76650, TPS76601
www.ti.com................................................................................................................................................. SLVS237C – AUGUST 1999 – REVISED JANUARY 2009
ULTRALOW QUIESCENT CURRENT 250-mA
LOW DROPOUT VOLTAGE REGULATORS
Because the PMOS device behaves as a low-value
resistor, the dropout voltage is very low (typically 230
2
• 250-mA Low Dropout Voltage Regulator
mV at an output current of 250 mA for the TPS76650)
• Available in 1.5 V, 1.8 V, 2.5 V, 2.7 V, 2.8 V,
and is directly proportional to the output current.
3.0 V, 3.3 V, 5.0 V Fixed Output and Adjustable
Additionally, since the PMOS pass element is a
Versions
voltage-driven device, the quiescent current is very
low and independent of output loading (typically 35
• Dropout Voltage to 140 mV (Typ) at 250 mA
µA over the full range of output current, 0 mA to 250
(TPS76650)
mA). These two key specifications yield a significant
• Ultralow 35-µA Typical Quiescent Current
improvement in operating life for battery-powered
• 3% Tolerance Over Specified Conditions for
systems. This LDO family also features a sleep
Fixed Output Versions
mode; applying a TTL high signal to EN (enable)
shuts down the regulator, reducing the quiescent
• Open-Drain Power Good
current to less than 1
µA (typ).
• 8-Pin SOIC Package
Power good (PG) is an active high output that can be
• Thermal Shutdown Protection
used to implement a power-on reset or a low-battery
indicator.
The TPS766xx is offered in 1.5 V, 1.8 V, 2.5 V, 2.7 V,
This device is designed to have an ultralow quiescent
2.8 V, 3.0 V, 3.3 V and 5.0 V fixed voltage versions
current and be stable with a 4.7-
µF capacitor. This
and in an adjustable version (programmable over the
combination
provides
high
performance
at
a
range of 1.25 V to 5.5 V). Output voltage tolerance is
reasonable cost.
specified as a maximum of 3% over line, load, and
temperature
ranges.
The
TPS766xx
family
is
available in an 8-pin SOIC package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS76601_13

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS76601D TI-TPS76601D Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76601D TI1-TPS76601D Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76601DG4 TI1-TPS76601DG4 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76601DR TI1-TPS76601DR Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76601DRG4 TI1-TPS76601DRG4 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76601_13

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS76615 TI-TPS76615_15 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI1-TPS76615_16 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
Analog Devices
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
Microchip Technology
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
MCP1703 MICROCHIP-MCP1703 Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
Texas Instruments
Texas Instruments
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS77025DBVRG4 TI-TPS77025DBVRG4 Datasheet
925Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz