![]() |
Electronic Components Datasheet Search |
|
TPS76601 Datasheet(PDF) 6 Page - Texas Instruments |
|
TPS76601 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 24 page ![]() NC/FB PG GND EN 1 2 3 4 8 7 6 5 OUT OUT IN IN TPS76615 ,, TPS76618,, TPS76625 TPS76627, TPS76628, TPS76630 TPS76633, TPS76650, TPS76601 SLVS237C – AUGUST 1999 – REVISED JANUARY 2009................................................................................................................................................. www.ti.com D PACKAGE SOIC-8 (TOP VIEW) PIN DESCRIPTIONS TPS766xx NAME NO. I/O DESCRIPTION EN 4 I Enable input. FB/NC 1 I Feedback input voltage for adjustable device (not connected for fixed options). GND 3 Regulator ground. IN 5, 6 I Input voltage. OUT 7, 8 O Regulated output voltage. PG 2 O Power good output. Table 1. Table of Graphs FIGURE vs Load current Figure 2, Figure 3 Output voltage vs Free-air temperature Figure 4, Figure 5 vs Load current Figure 6, Figure 7 Ground current vs Free-air temperature Figure 8, Figure 9 Power-supply ripple rejection vs Frequency Figure 10 Output spectral noise density vs Frequency Figure 11 Output impedance vs Frequency Figure 12 Dropout voltage vs Free-air temperature Figure 13, Figure 14 Line transient response Figure 15, Figure 17 Load transient response Figure 16, Figure 18 Output voltage vs Time Figure 19 Dropout voltage vs Input voltage Figure 20 Equivalent series resistance (ESR) vs Output current Figure 21 to Figure 24 Equivalent series resistance (ESR) vs Added ceramic capacitance Figure 25, Figure 26 6 Submit Documentation Feedback Copyright © 1999–2009, Texas Instruments Incorporated Product Folder Link(s): TPS76615 TPS76618 TPS76625 TPS76627 TPS76628 TPS76630 TPS76633 TPS76650 TPS76601 |
|