Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62250DRVRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS62250DRVRG4
Description  Peak Current Limited Step Down Converter for USB Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62250DRVRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62250DRVRG4 Datasheet HTML 1Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 2Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 3Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 4Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 5Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 6Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 7Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 8Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS62250
SLVS842 – SEPTEMBER 2008.......................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PART
OUTPUT
PACKAGE
PACKAGE
TA
PACKAGE(3)
ORDERING
NUMBER(1)
VOLTAGE(2)
DESIGNATOR
MARKING
–40°C to 85°C
TPS62250
adjustable
SON 2x2-6
DRV
TPS62250DRV
NXH
(1)
The DRV (2x2-6 SON) package is available in tape & reel. Add R suffix to order quantities of 3000 parts per reel.
(2)
Contact TI for other fixed output voltage options
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range(2)
–0.3 to 7
Voltage range at EN, MODE
–0.3 to VIN +0.3, ≤ 7
V
Voltage on SW
–0.3 to 7
Peak output current
Internally limited
A
HBM Human body model
2
kV
ESD rating(3)
CDM Charge device model
1
Machine model
200
V
TJ
Maximum operating junction temperature
–40 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
PACKAGE
RθJA
POWER RATING FOR TA ≤ 25°C
DERATING FACTOR ABOVE TA = 25°C
DRV
76°C/W
1300 mW
13 mW/°C
MIN
NOM
MAX
UNIT
VIN
Supply voltage
2
6
V
Output voltage range for adjustable voltage
0.6
VIN
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62250


Similar Part No. - TPS62250DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62250DRVT TI-TPS62250DRVT Datasheet
1Mb / 29P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
More results

Similar Description - TPS62250DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62250 TI-TPS62250 Datasheet
1Mb / 29P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62750 TI-TPS62750 Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62751DSK TI1-TPS62751DSK Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750 TI-TPS62750_15 Datasheet
1Mb / 31P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
logo
Monolithic Power System...
MP8726 MPS-MP8726 Datasheet
481Kb / 14P
   21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
logo
Skyworks Solutions Inc.
AAT2138 SKYWORKS-AAT2138 Datasheet
3Mb / 18P
   High Current Step-Down Converter with High-Precision Programmable Current Limited Load Switch
logo
Texas Instruments
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Current Step-Down Converter
REVISED AUGUST 2015
logo
Linear Technology
LTC3877 LINER-LTC3877 Datasheet
1Mb / 18P
   High Current Step-Down Converter
logo
Richtek Technology Corp...
RTQ2158A-QA RICHTEK-RTQ2158A-QA Datasheet
1Mb / 26P
   Peak 12A, 6.5V, 460kHz Synchronous Step-Down Converter
December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com