Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61010 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS61010
Description  HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61010 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61010_13 Datasheet HTML 1Page - Texas Instruments TPS61010_13 Datasheet HTML 2Page - Texas Instruments TPS61010_13 Datasheet HTML 3Page - Texas Instruments TPS61010_13 Datasheet HTML 4Page - Texas Instruments TPS61010_13 Datasheet HTML 5Page - Texas Instruments TPS61010_13 Datasheet HTML 6Page - Texas Instruments TPS61010_13 Datasheet HTML 7Page - Texas Instruments TPS61010_13 Datasheet HTML 8Page - Texas Instruments TPS61010_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS61010, TPS61011
TPS61012, TPS61013
TPS61014, TPS61015, TPS61016
SLVS314D – SEPTEMBER 2000 – REVISED JUNE 2005
over recommended operating free-air temperature range, VBAT = 1.2 V, EN = VBAT (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 33 Ω
0.85
0.9
Minimum input voltage for
start-up
VI
RL = 3 kΩ, TA = 25 °C
0.8
V
Input voltage once started
IO = 100 mA
0.8
Programmable output
TPS61010, IOUT = 100 mA
1.5
3.3
V
voltage range
TPS61011, 0.8 V < VI < VO, IO = 0 to 100 mA
1.45
1.5
1.55
V
TPS61012, 0.8 V < VI < VO, IO = 0 to 100 mA
1.74
1.8
1.86
TPS61013, 0.8 V < VI < VO, IO = 0 to 100 mA
2.42
2.5
2.58
V
TPS61013, 1.6 V < VI < VO, IO = 0 to 200 mA
2.42
2.5
2.58
V
VO
TPS61014, 0.8 V < VI < VO, IO = 0 to 100 mA
2.72
2.8
2.88
V
Output voltage
TPS61014, 1.6 V < VI < VO, IO = 0 to 200 mA
2.72
2.8
2.88
V
TPS61015, 0.8 V < VI < VO, IO = 0 to 100 mA
2.9
3.0
3.1
V
TPS61015, 1.6 V < VI < VO, IO = 0 to 200 mA
2.9
3.0
3.1
V
TPS61016, 0.8 V < VI < VO, IO = 0 to 100 mA
3.2
3.3
3.4
V
TPS61016, 1.6 V < VI < VO, IO = 0 to 200 mA
3.2
3.3
3.4
V
VI > 0.8 V
100
Maximum continuous output
IO
mA
current
VI > 1.8 V
250
TPS61011, once started
0.39
0.48
TPS61012, once started
0.54
0.56
TPS61013, once started
0.85
0.93
I(SW)
Switch current limit
A
TPS61014, once started
0.95
1.01
TPS61015, once started
1
1.06
TPS61016, once started
1.07
1.13
V(FB)
Feedback voltage
480
500
520
mV
f
Oscillator frequency
420
500
780
kHz
D
Maximum duty cycle
85%
NMOS switch on-resistance
0.37
0.51
rDS(on)
VO = 1.5 V
PMOS switch on-resistance
0.45
0.54
NMOS switch on-resistance
0.2
0.37
rDS(on)
VO = 3.3 V
PMOS switch on-resistance
0.3
0.45
Line regulation (1)
VI = 1.2 V to 1.4 V, IO = 100 mA
0.3
%/V
Load regulation (1)
VI = 1.2 V; IO = 50 mA to 100 mA
0.1
Autodischarge switch
300
400
resistance
Residual output voltage
ADEN = VBAT; EN = GND
0.4
V
after autodischarge
VIL
LBI voltage threshold (2)
V(LBI) voltage decreasing
480
500
520
mV
LBI input hysteresis
10
mv
LBI input current
0.01
0.03
VOL
LBO output low voltage
V(LBI) = 0 V, VO = 3.3 V, I(OL) = 10 µA
0.04
0.2
V
LBO output leakage current
V(LBI) = 650 mV, V(LBO) = VO
0.03
µA
FB input bias current
I(FB)
V(FB) = 500 mV
0.01
0.03
(TPS61010 only)
EN and ADEN input low
VIL
0.8 V < VBAT < 3.3 V
0.2
× VBAT
V
voltage
(1)
Line and load regulation is measured as a percentage deviation from the nominal value (i.e., as percentage deviation from the nominal
output voltage). For line regulation, x %/V stands for
±x% change of the nominal output voltage per 1-V change on the input/supply
voltage. For load regulation, y% stands for
±y% change of the nominal output voltage per the specified current change.
(2)
For proper operation the voltage at LBI may not exceed the voltage at VBAT.
3


Similar Part No. - TPS61010_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
More results

Similar Description - TPS61010_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com