Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51427 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS51427
Description  DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51427 Datasheet(HTML) 5 Page - Texas Instruments

  TPS51427_12 Datasheet HTML 1Page - Texas Instruments TPS51427_12 Datasheet HTML 2Page - Texas Instruments TPS51427_12 Datasheet HTML 3Page - Texas Instruments TPS51427_12 Datasheet HTML 4Page - Texas Instruments TPS51427_12 Datasheet HTML 5Page - Texas Instruments TPS51427_12 Datasheet HTML 6Page - Texas Instruments TPS51427_12 Datasheet HTML 7Page - Texas Instruments TPS51427_12 Datasheet HTML 8Page - Texas Instruments TPS51427_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TPS51427
www.ti.com................................................................................................................................................ SLUS819B – APRIL 2008 – REVISED SEPTEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
Over recommended free-air temperature range, VV5DRV = 5 V, VVIN = 12 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LINEAR REGULATOR (LDO)
4.94
5.11
LDOREFIN = VSW = 0 V, 0 < ILDO < 10 0mA,
5.025
6 V< VIN< 28 V
(–1.7%)
(+1.7%)
3.28
3.38
LDOREFIN = 5 V, VSW = 0 V, 0 < ILDO < 100 mA,
LDO Output Voltage
3.33
V
5.5 V < VIN < 28 V
(–1.5%)
(+1.5%)
0.98
1.02
LDOREFIN = 0.5 V, VSW = 0 V, 0 < ILDO < 50 mA,
1.00
5.5V < VIN < 28 V
(–2%)
(+2%)
LDOREFIN Input Range
VLDO = 2 × VLDOREFIN
0.35
2.25
V
LDOREFIN Leakage Current
VLDOREFIN = 0 V or 5 V
–0.5
0.5
µA
Fixed LDO = 5 V
0.15
LDOREFIN Threshold Voltage
V
Fixed LDO = 3.3 V
3.90
LDO Output Current
VSW = GND , VIN = 5.5 V to 28 V
100
mA
LDO Output Current During
VSW = 5 V , VIN = 5.5 V to 28 V, LDOREFIN = 0 V
340
500
mA
Switchover to 5 V
LDO Output Current During
VSW = 3.3 V , VIN = 5.5 V to 28 V, LDOREFIN = 5 V
330
500
mA
Switchover to 3.3 V
LDO Short-Circuit Current
VSW = LDO = 0 V
140
180
220
mA
4.63
4.78
4.93
Rising edge of VSW, LDOREFIN = 0 V
(92.6%)
(95.6%)
(98.6%)
LDO 5-V Switchover Threshold
V
Hysteresis
0.20
3.05
3.15
3.25
Rising edge of VSW, LDOREFIN = 5 V
(92.5%)
(95.5%)
(98.5%)
LDO 3.3-V Switchover Threshold
V
Hysteresis
0.150
LDO Switchover Switch On
LDO to VSW, VSW = 5 V, ILDO = 100 mA
0.7
1.5
Resistance
LDO Switchover Delay
Turning on
3.96
ms
Falling edge of V5FILT
3.80
3.93
4.10
LDO Undervoltage Lockout
V
Threshold
Rising edge of V5FILT
4.20
4.37
4.50
Falling edge of VIN
1.8
VIN POR Threshold
V
Rising edge of VIN
2.1
Thermal-Shutdown Threshold
Hysteresis = +10°C (2)
+140
°C
3.3V ALWAYS-ON LINEAR REGULATOR (VREF3)
3.250
3.350
No external load, VVSW > 4.5 V
3.300
(–1.5%)
(+1.5%)
VREF3 Output Voltage
V
3.220
3.380
No external load, VVSW < 4.0 V
3.300
(–2.4%)
(+2.4%)
VREF3 Load Regulation
0 mA < ILOAD < 10 mA
60
mV
VREF3 Current Limit
VREF3 = GND
15
20
mA
Falling edge of VREF3
2.96
VREF3 Undervoltage Lockout
V
Threshold
Hysteresis
0.17
(2)
Ensured by design. Not production tested.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS51427


Similar Part No. - TPS51427_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results

Similar Description - TPS51427_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51427 TI-TPS51427 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com